Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5589ACBZ-02-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5589ACBZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-02-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5589ACBZ-02-R7 Datasheet HTML 2Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 3Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 4Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 5Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 6Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 7Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 8Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 9Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 6 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
R2
R3
R4
R5
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GROUND.
R6
R7
C4
C5
C6
C7
RST
VDD
ADP5589
TOP VIEW
(Not to Scale)
1
A
B
C
D
E
23
4
BALLA1
CORNER
VDD
SDA
SCL
GND
C
10
R0
INT
RST
C0
C9
R2
R1
C1
C2
C8
R4
R3
C3
C4
C7
R5
R6
R7
C5
C6
5
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
Figure 3. LFCSP Pin Configuration
Figure 4. WLCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
(LFCSP)
Pin No.
(WLCSP)
Mnemonic
Description
1
E3
R7
GPIO 8. This pin functions as Row 7 if used as keypad.
2
E2
R6
GPIO 7. This pin functions as Row 6 if used as keypad.
3
E1
R5
GPIO 6. This pin functions as Row 5 if used as keypad.
4
D1
R4
GPIO 5 (GPIO alternate function: RESET1). This pin functions as Row 4 if used as keypad.
5
D2
R3
GPIO 4 (GPIO alternate function: LC1, PWM_OUT, or CLK_OUT. This pin functions as Row 3 if used as keypad.
6
C1
R2
GPIO 3 (GPIO alternate function: LB1). This pin functions as Row 2 if used as a keypad.
7
C2
R1
GPIO 2 (GPIO alternate function: LA1). This pin functions as Row 1 if used as a keypad.
8
B1
R0
GPIO 1 (GPIO alternate function: LY1). This pin functions as Row 0 if used as a keypad.
9
B4
C0
GPIO 9. This pin functions as Column 0 if used as keypad.
10
C3
C1
GPIO 10. This pin functions as Column 1 if used as keypad.
11
C4
C2
GPIO 11. This pin functions as Column 2 if used as keypad.
12
D3
C3
GPIO 12. This pin functions as Column 3 if used as keypad.
13
D4
C4
GPIO 13 (GPIO alternate function: RESET2). This pin functions as Column 4 if used as keypad.
14
E4
C5
GPIO 14. This pin functions as Column 5 if used as keypad.
15
E5
C6
GPIO 15 (GPIO alternate function: LC2, PWM_IN, or CLK_IN). This pin functions as Column 6 if used as keypad.
16
D5
C7
GPIO 16 (GPIO alternate function: LB2). This pin functions as Column 7 if used as keypad.
17
B3
RST
Input Reset Signal.
18
A1
VDD
Supply Voltage Input.
19
C5
C8
GPIO 17 (GPIO alternate function: LA2). This pin functions as Column 8 if used as keypad.
20
B5
C9
GPIO 18 (GPIO alternate function: LY2). This pin functions as Column 9 if used as keypad.
21
A5
C10
GPIO 19. This pin functions as Column 10 if used as keypad.
22
A2
SDA
I2C Data Input/Output.
23
A3
SCL
I2C Clock Input.
24
B2
INT
Open-Drain Interrupt Output.
EP (pad)
A4
GND
Ground. The exposed pad of the LFCSP package must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com