Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2108AUJZ-3.3-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2108AUJZ-3.3-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108AUJZ-3.3-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2108AUJZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 13Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 14Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 15Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADP2108AUJZ-3.3-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP2108
Data Sheet
Rev. G | Page 16 of 20
OUTLINE DIMENSIONS
Figure 36. 5-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-5-3)
Dimensions shown in millimeters
Figure 37. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions shown in millimeters
A
B
C
0.657
0.602
0.546
0.355
0.330
0.304
0.280
0.250
0.220
1.060
1.020
0.980
1.490
1.450
1.410
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.330
0.310
0.290
0.866
REF
BALL A1
IDENTIFIER
SEATING
PLANE
0.50 BSC
COPLANARITY
0.04
0.50
BSC
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
0.50
0.30
0.10 MAX
*1.00 MAX
*0.90 MAX
0.70 MIN
2.90 BSC
5
4
1
2
3
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com