Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4666-2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4666-2
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4666-2 Datasheet HTML 1Page - Analog Devices ADA4666-2 Datasheet HTML 2Page - Analog Devices ADA4666-2 Datasheet HTML 3Page - Analog Devices ADA4666-2 Datasheet HTML 4Page - Analog Devices ADA4666-2 Datasheet HTML 5Page - Analog Devices ADA4666-2 Datasheet HTML 6Page - Analog Devices ADA4666-2 Datasheet HTML 7Page - Analog Devices ADA4666-2 Datasheet HTML 8Page - Analog Devices ADA4666-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Pin Connection Diagrams............................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—18 V Operation ............................. 3
 
Electrical Characteristics—10 V Operation ............................. 5
 
Electrical Characteristics—3.0 V Operation ............................ 7
 
Absolute Maximum Ratings............................................................ 9
 
Thermal Resistance ...................................................................... 9
 
ESD Caution.................................................................................. 9
 
Pin Configurations and Function Descriptions ......................... 10
 
Typical Performance Characteristics ........................................... 11
 
Applications Information .............................................................. 22
 
Input Stage................................................................................... 22
 
Gain Stage.................................................................................... 23
 
Output Stage................................................................................ 23
 
Maximum Power Dissipation ................................................... 23
 
Rail-to-Rail Input and Output.................................................. 23
 
Comparator Operation.............................................................. 24
 
EMI Rejection Ratio .................................................................. 25
 
Current Shunt Monitor.............................................................. 25
 
Active Filters ............................................................................... 25
 
Capacitive Load Drive ............................................................... 26
 
Noise Considerations with High Impedance Sources........... 28
 
Outline Dimensions ....................................................................... 29
 
Ordering Guide .......................................................................... 29
 
REVISION HISTORY
7/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com