Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATCC-211 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ATCC-211
Description  Meets EIA-535BAAC standard, Large capacitance in small size
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCC-211 Datasheet(HTML) 2 Page - Abracon Corporation

  ATCC-211 Datasheet HTML 1Page - Abracon Corporation ATCC-211 Datasheet HTML 2Page - Abracon Corporation ATCC-211 Datasheet HTML 3Page - Abracon Corporation ATCC-211 Datasheet HTML 4Page - Abracon Corporation ATCC-211 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTIONS AND PART IDENTIFICATION
ATCC-211(A, B, P) Series
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.22.12
Visit www.abracon.com for Terms & Conditions of Sale
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Solid Tantalum Chip Capacitor
:
:
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
Test Conditions and equipment:
a. Ambient Temperature: 25± 10oC
b. Relative Humidity: 50%±30%
c. Air Pressure: 86kPa to 106kPa
Capacitance (C) & Dissipation Factor (tan δ): HP4263B or equivalent, 120±5Hz, 1Vrms
Leakage Current (I0): TH2686 or equivalent
Equivalent Series Resistance (ESR): HP4263B or equivalent, 100±5kHz
Rated Voltage (VR): The maximum DC operating voltage for continuous duty at
-55˚C ~ +85˚C.
Derated Voltage (Vc): Capacitor may be operated at +125˚C with voltage derated to two-thirds of rated
rated voltage VR.
Surge voltage VS: The maximum voltage to which capacitors may be subjected under any
momentary conditions, including maximum AC pulse voltage, DC bias voltage and any momentary
voltage.
Rated Voltage (VR)
4.0V
6.3V
10.0V
16.0V
25.0V
35.0V
50.0V
@-55˚C ~ +85˚C
Derated Voltage (VC)
2.5V
4.0V
6.3V
10.0V
16.0V
20.0V
32.0V
@+125˚
C
Surge Voltage (VS)
5.2V
8.0V
13.0V
20.0V
32.0V
46.0V
65.0V
@-55˚C ~ +85˚C
Surge Voltage (VS)
3.4V
5.0V
8.0V
13.0V
20.0V
28.0V
40.0V
@+125˚
C
ATCC-211 -
-
- -
Dimension Code
P: 2.0x1.25x1.1 mm
A: 3.2x1.6x1.6 mm
B: 3.5x2.8x1.9 mm
Rated Voltage
Code
004: 4.0V
006: 6.3V
010: 10.0V
016: 16.0V
025: 25.0V
035: 35.0V
050: 50.0V
Capacitance
Code
Please refer to
the table above
Capacitance
Tolerance
K: ±10%
M: ±20%
Packaging
T: Tape and Reel
(3k pcs/Reel for option P;
2k pcs/reel for A and B)
ATCC-211(A, B, P) Series
Solid Tantalum Chip Capacitor
Date of Issue: Oct. 29th, 2012
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
ESD Sensitive
Page (6) of (15)
Abracon Drawing # 603389
Revision #: Initial Release
6.0
Mechanical Dimensions
6.1
Recommended Land Pattern
Dimensions: mm
Dimension
Code
L
W
H
F(±0.10)
S(±0.30)
A
B
C
P
2.0±0.15
1.25±0.15
1.1±0.15
0.9
0.5
1.1
1.05
1.2
A
3.2±0.20
1.6±0.20
1.6±0.20
1.2
0.8
1.1
1.35
1.5
B
3.5±0.2
2.8±0.2
1.9±0.2
2.2
0.8
1.4
1.35
2.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com