Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQA22VT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMQA22VT
Description  SC-74 Quad Monolithic Common Anode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT Datasheet(HTML) 2 Page - ON Semiconductor

  MMQA22VT Datasheet HTML 1Page - ON Semiconductor MMQA22VT Datasheet HTML 2Page - ON Semiconductor MMQA22VT Datasheet HTML 3Page - ON Semiconductor MMQA22VT Datasheet HTML 4Page - ON Semiconductor MMQA22VT Datasheet HTML 5Page - ON Semiconductor MMQA22VT Datasheet HTML 6Page - ON Semiconductor MMQA22VT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMQA, SZMMQA Quad Common Anode Series
http://onsemi.com
2
THERMAL CHARACTERISTICS (TA = 25°C Unless Otherwise Noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1)
@ TA ≤ 25°C
Ppk
24
W
Peak Power Dissipation @ 20 ms (Note 2)
@ TA ≤ 25°C
Ppk
150
W
Total Power Dissipation on FR-5 Board (Note 3)
@ TA = 25°C
PD
225
1.8
MW
mW/°C
Thermal Resistance from Junction−to−Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina Substrate (Note 4)
@ TA = 25°C
Derate above 25°C
PD
300
2.4
MW
mW/°C
Thermal Resistance from Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
1. Non-repetitive current pulse per Figure 5 and derate above TA = 25°C per Figure 4.
2. Non-repetitive current pulse per Figure 6 and derate above TA = 25°C per Figure 4.
3. FR-5 = 1.0 x 0.75 x 0.62 in.
4. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless Otherwise Noted)
UNIDIRECTIONAL
(Circuit tied to pins 1, 2, and 5; Pins 2, 3, and 5; Pins 2, 4, and 5; or Pins 2, 5, and 6) (VF = 0.9 V Max @ IF = 10 mA)
Device
(Note 8)
Breakdown Voltage
Max
Reverse
Leakage
Current
Max Zener
Impedance
(Note 7)
Max
Reverse
Surge
Current
Max
Reverse
Voltage @
IRSM
(Note 6)
(Clamping
Voltage)
Maximum
Temperature
Coefficient
of VZ
Capacitance
@ 0 Volt
Bias, 1 MHz
VZT
(Note 5)
(V)
@ IZT
IR
VR
(pF)
Min
Nom
Max
(mA)
(nA)
(V)
ZZT @ IZT
(W) (mA)
IRSM
(A)
VRSM
(V)
(mV/°C)
Min
Max
MMQA5V6T
5.32
5.6
5.88
1.0
2000 3.0
400
3.0
8.0
1.26
−
−
MMQA6V2T
5.89
6.2
6.51
1.0
700
4.0
300
2.66
9.0
10.6
−
−
MMQA6V8T
6.46
6.8
7.14
1.0
500
4.3
300
2.45
9.8
10.9
100
250
MMQA12VT
11.4
12
12.6
1.0
75
9.1
80
1.39
17.3
14
−
−
MMQA13VT
12.4
13
13.7
1.0
75
9.8
80
1.29
18.6
15
−
−
MMQA15VT
14.3
15
15.8
1.0
75
11
80
1.1
21.7
16
−
−
MMQA18VT
17.1
18
18.9
1.0
75
14
80
0.923
26
19
−
−
MMQA20VT
19
20
21
1.0
75
15
80
0.84
28.6
20.1
−
−
MMQA21VT
20
21
22.1
1.0
75
16
80
0.792
30.3
21
−
−
MMQA22VT
20.9
22
23.1
1.0
75
17
80
0.758
31.7
22
−
−
MMQA24VT
22.8
24
25.2
1.0
75
18
100
0.694
34.6
25
−
−
MMQA27VT
25.7
27
28.4
1.0
75
21
125
0.615
39
28
−
−
MMQA33VT
31.4
33
34.7
1.0
75
25
200
0.504
48.6
37
−
−
5. VZ measured at pulse test current IT at an ambient temperature of 25°C.
6. Surge current waveform per Figure 5 and derate per Figure 4.
7. ZZT is measured by dividing the AC voltage drop across the device by the AC current supplied. The specified limits are IZ(AC) = 0.1 IZ(DC),
with AC frequency = 1 kHz.
8. Include SZ-prefix devices where applicable.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com