Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5008 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5008 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5008 Datasheet HTML 4Page - Renesas Technology Corp 2SC5008 Datasheet HTML 5Page - Renesas Technology Corp 2SC5008 Datasheet HTML 6Page - Renesas Technology Corp 2SC5008 Datasheet HTML 7Page - Renesas Technology Corp 2SC5008 Datasheet HTML 8Page - Renesas Technology Corp 2SC5008 Datasheet HTML 9Page - Renesas Technology Corp 2SC5008 Datasheet HTML 10Page - Renesas Technology Corp 2SC5008 Datasheet HTML 11Page - Renesas Technology Corp 2SC5008 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2SC5008
8
S-PARAMETER
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.928
–11.2
5.570
160.2
.022
78.7
.974
–8.7
200.00
.876
–22.9
5.562
146.9
.040
67.5
.928
–16.9
300.00
.821
–34.2
5.509
134.3
.057
57.4
.859
–23.0
400.00
.758
–45.7
5.289
123.2
.070
49.7
.798
–28.0
500.00
.705
–56.7
5.198
113.1
.081
43.3
.738
–32.0
600.00
.652
–66.1
4.787
103.2
.089
37.0
.689
–35.2
700.00
.588
–76.8
4.617
93.6
.097
31.9
.640
–37.5
800.00
.535
–87.1
4.406
84.1
.103
27.6
.601
–39.4
900.00
.484
–97.1
4.187
75.5
.108
23.9
.565
–41.0
1000.00
.438
–107.0
3.986
67.1
.115
20.3
.533
–42.6
1100.00
.401
–116.3
3.771
59.1
.120
16.5
.508
–43.6
1200.00
.371
–125.4
3.566
51.8
.125
13.4
.486
–44.7
1300.00
.350
–133.4
3.362
44.8
.131
10.3
.468
–45.7
1400.00
.333
–141.3
3.177
38.3
.137
7.0
.449
–47.2
1500.00
.320
–148.7
3.015
31.8
.143
4.1
.436
–48.3
1600.00
.312
–156.1
2.872
25.8
.149
1.1
.421
–49.7
1700.00
.310
–162.9
2.745
19.5
.157
–2.5
.408
–51.4
1800.00
.310
–170.2
2.623
13.4
.162
–6.5
.391
–52.9
1900.00
.309
–177.5
2.514
7.3
.165
–9.7
.377
–54.2
2000.00
.310
175.4
2.407
1.4
.171
–12.7
.366
–55.5
2100.00
.313
169.8
2.318
–4.2
.177
–16.1
.351
–57.2
2200.00
.317
164.9
2.227
–9.8
.182
–19.1
.343
–58.5
2300.00
.324
159.5
2.157
–15.4
.188
–22.3
.330
–60.4
2400.00
.331
155.0
2.076
–20.8
.194
–25.6
.319
–62.2
2500.00
.338
150.6
2.012
–26.2
.200
–28.8
.307
–64.1
2600.00
.346
146.5
1.947
–31.7
.207
–32.4
.296
–66.8
2700.00
.356
142.6
1.894
–36.9
.213
–35.6
.285
–69.0
2800.00
.365
139.0
1.833
–42.3
.220
–39.1
.274
–71.8
2900.00
.375
135.7
1.782
–47.5
.226
–42.7
.265
–74.3
3000.00
.386
132.4
1.737
–52.7
.234
–46.1
.254
–77.2
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.983
–6.8
1.986
166.5
.022
83.1
.993
–4.6
200.00
.968
–14.0
2.016
156.0
.044
73.1
.983
–9.3
300.00
.952
–21.0
2.067
145.7
.064
65.2
.959
–13.6
400.00
.925
–28.5
2.064
135.9
.083
56.7
.942
–17.7
500.00
.904
–35.3
2.096
127.1
.100
49.8
.913
–21.6
600.00
.878
–41.8
1.992
118.1
.116
42.7
.889
–25.2
700.00
.844
–48.6
1.971
109.4
.129
35.5
.859
–28.5
800.00
.816
–55.6
1.945
100.6
.141
28.7
.829
–31.7
900.00
.782
–62.3
1.900
92.3
.151
22.5
.795
–34.8
1000.00
.749
–69.9
1.926
84.3
.159
16.3
.765
–37.4
1100.00
.709
–77.8
1.940
76.0
.166
11.1
.736
–39.7
1200.00
.673
–85.8
1.952
68.2
.172
5.8
.709
–42.0
1300.00
.639
–92.8
1.904
60.4
.178
.8
.686
–44.2
1400.00
.606
–100.6
1.889
52.8
.182
–3.9
.661
–46.3
1500.00
.578
–107.5
1.837
45.2
.185
–8.9
.641
–48.2
1600.00
.551
–114.6
1.801
38.0
.189
–12.8
.621
–50.2
1700.00
.526
–122.6
1.782
30.7
.195
–17.6
.603
–52.2
1800.00
.509
–129.5
1.727
23.8
.196
–22.3
.582
–54.4
1900.00
.487
–137.3
1.702
16.9
.196
–26.3
.562
–56.1
2000.00
.466
–145.4
1.674
9.8
.198
–30.1
.548
–57.9
2100.00
.454
–152.5
1.637
3.4
.198
–33.7
.530
–59.6
2200.00
.446
–159.2
1.590
–3.1
.199
–36.9
.519
–61.7
2300.00
.437
–166.3
1.571
–9.5
.200
–40.5
.502
–63.5
2400.00
.433
–172.8
1.520
–15.7
.201
–43.8
.490
–65.7
2500.00
.430
–179.0
1.488
–21.7
.201
–46.5
.477
–67.7
2600.00
.429
174.8
1.459
–27.8
.203
–49.3
.466
–70.0
2700.00
.429
169.2
1.425
–33.7
.204
–52.3
.453
–72.4
2800.00
.433
163.8
1.390
–39.5
.206
–55.1
.443
–75.1
2900.00
.437
158.6
1.363
–45.3
.208
–57.9
.431
–77.5
3000.00
.443
153.5
1.336
–50.9
.211
–60.2
.421
–80.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com