Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5015 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5015
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5015 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5015 Datasheet HTML 1Page - Renesas Technology Corp 2SC5015 Datasheet HTML 2Page - Renesas Technology Corp 2SC5015 Datasheet HTML 3Page - Renesas Technology Corp 2SC5015 Datasheet HTML 4Page - Renesas Technology Corp 2SC5015 Datasheet HTML 5Page - Renesas Technology Corp 2SC5015 Datasheet HTML 6Page - Renesas Technology Corp 2SC5015 Datasheet HTML 7Page - Renesas Technology Corp 2SC5015 Datasheet HTML 8Page - Renesas Technology Corp 2SC5015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet PU10403EJ01V0DS
3
2SC5015
TYPICAL CHARACTERISTICS (TA = +25
°°°°C, unless otherwise specified)
250
200
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
30
15
10
25
20
5
02
6
48
IB = 20 A
µ
80 A
µ
60 A
µ
40 A
µ
100 A
µ
120 A
µ
140 A
µ
160 A
µ
180 A
µ
200 A
µ
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
2
1
0.5
0.2
0.1
15
10
220
VCE = 3 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.5
0.4
0.7
0.8
1.0
0.9
VCE = 1 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.5
0.4
0.7
0.8
1.0
0.9
VCE = 2 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.5
0.4
0.7
0.8
1.0
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com