Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5454 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5454 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5454 Datasheet HTML 1Page - Renesas Technology Corp 2SC5454 Datasheet HTML 2Page - Renesas Technology Corp 2SC5454 Datasheet HTML 3Page - Renesas Technology Corp 2SC5454 Datasheet HTML 4Page - Renesas Technology Corp 2SC5454 Datasheet HTML 5Page - Renesas Technology Corp 2SC5454 Datasheet HTML 6Page - Renesas Technology Corp 2SC5454 Datasheet HTML 7Page - Renesas Technology Corp 2SC5454 Datasheet HTML 8Page - Renesas Technology Corp 2SC5454 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2SC5454
2
Preliminary Data Sheet
hFE CLASSIFICATION
RANK
FB
Marking
R54
hFE
75 to 150
TYPICAL CHARACTERISTICS (TA = 25
°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA - Ambient Temperature - °C
50
200
100
0
50
100
150
40
30
20
10
0
0.5
1.0
VCE = 3 V
COLLECTOR CURRENT vs. DC BASE VOLTAGE
VBE - DC Base Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs. COLLECTOR CURRENT
30
01
120 A
25
20
15
10
5
23456
0.1
200
100
0
0.2
0.5
1
2
5
10
20
50 100
VCE - Collector to Emitter Voltage - V
IC - Collector Current - mA
Free Air
IB = 20
A
80
A
100 A
140 A
VCE = 3 V
40
A
60
A
160 A
180 A
200 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com