| Electronic Components Datasheet Search |
|
BQ76PL536APAPT Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ76PL536APAPT Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 60 page ![]() bq76PL536A www.ti.com SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012 1 = The internal consistency check has failed self-test. The host should attempt to reset the device, see the RESET section. If the fault persists, the failure should be considered uncorrectable. [4] (FORCE): This bit asserts the FAULT signal. It can be used to verify correct operation and connectivity of the FAULT line as a part of system self-test. 0 = Deassert FAULT (default) 1 = Assert the FAULT signal. [3] (POR): This bit indicates a power-on reset (POR) has occurred. 0 = No POR has occurred since this bit was last cleared by the host. 1 = A POR has occurred. This notifies the host that default values have been loaded to Group1 and Group2 registers, and OTP contents have been copied to Group3 registers. [2] (CRC): This bit indicates a garbled packet reception by the device. 0 = No errors 1 = A CRC error was detected in the last packet received. [1] (CUV): This bit indicates that this bq76PL536A has detected a cell undervoltage (CUV) condition. Examine CUV_FAULT[] to determine which cell caused the ALERT. 0 = All cells are above the CUV threshold (default). 1 = One or more cells is below the CUV threshold. [0] (COV): This bit indicates that this bq76PL536A has detected a cell overvoltage (COV) condition. Examine COV_FAULT[] to determine which cell caused the FAULT. 0 = All cells are below the COV threshold (default). 1 = One or more cells is above the COV threshold. COV_FAULT REGISTER (0x22) 7 6 5 4 3 2 1 0 – – OV[6] OV[5] OV[4] OV[3] OV[2] OV[1] [0..5] (OV[1]..[6]): These bits indicate which cell caused the DEVICE_STATUS[COV] flag to be set. 0 = Cell[n] does not have an overvoltage fault (default). 1 = Cell[n] does have an overvoltage fault. CUV_FAULT REGISTER (0x23) 7 6 5 4 3 2 1 0 – – UV[6] UV[5] UV[4] UV[3] UV[2] UV[1] b0..5 (UV[1]..[6]): These bits indicate which cell caused the DEVICE_STATUS[CUV] flag to be set. 0 = Cell[n] does not have an undervoltage fault (default). 1 = Cell[n] does have an undervoltage fault. PARITY_H REGISTER (0x24) (PRESULT_A (R/O)) 7 6 5 4 3 2 1 0 OTT OTV CUVT CUVV COVT COVV IO FUNC Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 39 Product Folder Links :bq76PL536A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |