| Electronic Components Datasheet Search |
|
BQ76PL536APAPR Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ76PL536APAPR Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 60 page ![]() bq76PL536A SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012 www.ti.com [6] (PARITY): This bit is used to validate the contents of the protected Group3 registers. 0 = Group3 protected register(s) contents are valid. 1 = Group3 protected register(s) contents are invalid. Group3 registers should be refreshed from OTP or directly written from the host. [5] (ECC_ERR): This bit is used to validate the OTP register blocks. 0 = No double-bit errors (a corrected one-bit error may/may not exist) 1 = An uncorrectable error has been detected in the OTP-EPROM register bank. OTP-EPROM register(s) are not valid. [4] (FORCE): This bit asserts the ALERT signal. It can be used to verify correct operation and connectivity of the ALERT as a part of system self-test. 0 = Deassert ALERT (default) 1 = Assert the ALERT signal. [3] (TSD): This bit indicates thermal shutdown is active. 0 = Thermal shutdown is inactive (default). 1 = Die temperature has exceeded TSD. [2] (SLEEP): This bit indicates SLEEP mode was activated. This bit is only set when SLEEP is first activated; no continuous ALERT or SLEEP status is indicated after the host resets the bit, even if the IO_CTRL[SLEEP] bit remains true. (See IO_CTRL[] register for details.) 0 = Normal operation 1 = SLEEP mode was activated. [1] (OT2): This bit indicates an overtemperature fault has been detected via TS2. 0 = Temperature is lower than or equal to the VOT2 (or input disabled by IO_CONTROL[TS2] = 0). 1 = Temperature is higher than VOT2. [0] (OT1): This bit indicates an overtemperature fault has been detected via TS1. 0 = Temperature is lower than or equal to the VOT1 (or input disabled by IO_CONTROL[TS1] = 0). 1 = Temperature is higher than VOT1. FAULT_STATUS REGISTER (0x21) 7 6 5 4 3 2 1 0 – – I_FAULT FORCE POR CRC CUV COV The FAULT_STATUS register provides information about the source of the FAULT signal. The host must clear each fault flag by writing a 1 to the bit that is set. The exception is bit 4, which may be written 1 or 0 as needed to implement self-test of the IC stack and wiring. [7] (not implemented) [6] (not implemented) [5] (I_FAULT): The device has failed an internal register consistency check. Measurement data and protection function status may not be accurate and should not be used. 0 = No internal register consistency check fault exists. 38 Submit Documentation Feedback Copyright © 2011–2012, Texas Instruments Incorporated Product Folder Links :bq76PL536A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |