Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN85C256API10E Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HN85C256API10E
Description  256k EEPROM (32-kword8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256API10E Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HN85C256API10E Datasheet HTML 10Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 11Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 12Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 13Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 14Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 15Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 16Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 17Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 14 of 16
Oct 07, 2013
Package Dimensions
HN58C256API Series (PRDP0028AB-A / Previous Code: DP-28V)
15.24
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
35.6
13.4
5.70
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.58
1.2
0.20
0.25
0.36
2.29 2.54
2.79
15°
36.5
14.6
0.38
0.48
1.9
2.54
15
28
14
1
3
p
1
c
e
Z
b
b
D
e
θ
P-DIP28-13.4x35.6-2.54
4.6g
MASS[Typ.]
DP-28/DP-28V
PRDP0028AB-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com