Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS3F-M421-405-R Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # XS3F-M421-405-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-405-R Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button XS3F-M421-405-R Datasheet HTML 9Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 10Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 11Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 12Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 13Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 14Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 15Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 16Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
16
J
MOUNTING BRACKETS
E39-L139
Material: Stainless steel (SUS304)
10#
Note: Provided with E3G-Lj1/-Lj2
E39-L140
Material: Stainless steel (SUS304)
10#
Note: Provided with E3G-Lj5/-Lj6
J
CONNECTOR CORDSETS
Straight
XS3F-M421-402-R (L = 2 m)
XS3F-M421-405-R (L = 5 m)
4dia.
Right Angle
XS3F-M422-402-R (L = 2 m)
XS3F-M422-405-R (L = 5 m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com