Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA82050-PDW28I-R-01 Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # IA82050-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050-PDW28I-R-01 Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button IA82050-PDW28I-R-01 Datasheet HTML 7Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 8Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 9Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 10Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 11Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 12Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 13Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 14Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 11 of 22
1-888-824-4184
®
4.
Register Descriptions
4.1
Baud Rate Generator A Divide Count, MSB and LSB (BAH/BAL)
Baud Rate Generator A Divide Count (MSB and LSB) – When generating TXCLK or RXCLK,
the selected source clock will be divided by this value (ADDR 001/000, Mode R/W, Default
00000000/00000010).
4.2
General Interrupt Enable Register (GER)
Enables the general categories of interrupts when generating INT (ADDR 001, Mode R/W,
Default 00000000).
Table 2. General Interrupt Enable Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
MIE
RXIE
TFIE
RFIE
MIE
Modem Interrupt Enable, 1=Enabled, 0=Disabled
RXIE
Receive Interrupt Enable, 1=Enabled, 0=Disabled
TFIE
Transmit FIF0 Interrupt Enable, 1=Enabled, 0=Disabled
RFIE
Receive FIFO Interrupt Enable, 1=Enabled, 0=Disabled
4.3
General Interrupt Register (GIR)
Read-only interrupt register containing priority encoded enabled interrupt vector and interrupt
pending flag. Writes to this register only affect Bank Pointer bits (ADDR 010, Mode R, Default
00000001).
Table 3. General Interrupt Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
BANK1
BANK0
0
0
BI1
BI0
IPN
BANK1, BANK0
– Bank Pointer – not used in IA82050, user must ensure these bits are never written
BI1, BI0
– Interrupt Vector
11=Receive Interrupt (highest priority)
10=Receive FIFO Interrupt
01=Transmit FIF0 Interrupt
00=Modem Interrupt (lowest priority)
IPN
– Interrupt Pending (1=no interrupt pending, 0=interrupt pending)
4.4
Line Configure Register (LCR)
Defines configuration of serial message (ADDR 011, Mode R/W, Default 00000000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com