Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9958XP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9958XP
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958XP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9958XP Datasheet HTML 22Page - STMicroelectronics L9958XP Datasheet HTML 23Page - STMicroelectronics L9958XP Datasheet HTML 24Page - STMicroelectronics L9958XP Datasheet HTML 25Page - STMicroelectronics L9958XP Datasheet HTML 26Page - STMicroelectronics L9958XP Datasheet HTML 27Page - STMicroelectronics L9958XP Datasheet HTML 28Page - STMicroelectronics L9958XP Datasheet HTML 29Page - STMicroelectronics L9958XP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Electrical specifications
L9958
26/38
Doc ID 17269 Rev 5
Figure 21.
Thermal impedance (junction-ambient) of power packages
6.3
Range of functionality
Within the range of functionality, all L9958 functionalities have to be guaranteed. All voltages
refers to GND. Currents are positive into and negative out of the specified pin.
Table 17.
Range of functionality
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FR1
Vps
Supply voltage
-
Vps_uv_off
14
28(1)
V
FR2
dVps/dt Supply voltage slew rate
-
-20
-
20
V/µs
FR3
Vdd
Logic supply voltage
-
Vdd_uv_off
5
Vdd_ov_off
V
FR4
Vi
Logic input voltage (SDI,
SCLK, NCS, DI, EN, DIR,
PWM)
See alsoTable 15:
Absolute maximum
ratings.
-0.3
-
Vdd_ov_off
V
FR5
Vddio
SDO output voltage
-
3
-
5.5
V
FR6
fspi
SPI clock frequency
-
-
-
5
MHz
1.
In load dump conditions Vps ranges between 28V and 40V. During load dump, status of device outputs is kept unchanged,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com