Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9958 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 11Page - STMicroelectronics L9958 Datasheet HTML 12Page - STMicroelectronics L9958 Datasheet HTML 13Page - STMicroelectronics L9958 Datasheet HTML 14Page - STMicroelectronics L9958 Datasheet HTML 15Page - STMicroelectronics L9958 Datasheet HTML 16Page - STMicroelectronics L9958 Datasheet HTML 17Page - STMicroelectronics L9958 Datasheet HTML 18Page - STMicroelectronics L9958 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
L9958
Device description
Doc ID 17269 Rev 5
15/38
3.5
SPI communication failure
In case of "no SCK edge" when CS = '0', the transfer is considered as valid: no error is
returned to the µC. The answer of last command is sent during next transfer.
When the number of SCK period is different from 0 or multiple of 16, next SPI answer is all
zero.
Figure 10.
SPI zero clock communication
3.6
5 V and 3.3 V output compatibility
In order to ensure a full compatibility with 5V and 3.3V MCU peripherals, the pin VDDIO is
dedicated to supply the output buffer of SO. The overall current consumption on Vddio is
"Ivddio". A parasitic current from the pin SO could flow through the pin VDDIO in case of
over-voltage on SO pin vs. VDDIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com