Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24128-BW Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24128-BW
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BW Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24128-BW Datasheet HTML 17Page - STMicroelectronics M24128-BW Datasheet HTML 18Page - STMicroelectronics M24128-BW Datasheet HTML 19Page - STMicroelectronics M24128-BW Datasheet HTML 20Page - STMicroelectronics M24128-BW Datasheet HTML 21Page - STMicroelectronics M24128-BW Datasheet HTML 22Page - STMicroelectronics M24128-BW Datasheet HTML 23Page - STMicroelectronics M24128-BW Datasheet HTML 24Page - STMicroelectronics M24128-BW Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DocID16892 Rev 23
21/40
M24128-BW M24128-BR M24128-BF M24128-DF
Initial delivery state
5.4
Read the lock status (M24128-D only)
The locked/unlocked status of the Identification page can be checked by transmitting a
specific truncated command [Identification Page Write instruction + one data byte] to the
device. The device returns an acknowledge bit if the Identification page is unlocked,
otherwise a NoAck bit if the Identification page is locked.
Right after this, it is recommended to transmit to the device a Start condition followed by a
Stop condition, so that:
•
Start: the truncated command is not executed because the Start condition resets the
device internal logic,
•
Stop: the device is then set back into Standby mode by the Stop condition.
6
Initial delivery state
The device is delivered with all the memory array bits and Identification page bits set to 1
(each byte contains FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com