Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH10LCD06
Description  Turbo2 ultrafast - high voltage rectifier for flat panel displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH10LCD06 Datasheet HTML 1Page - STMicroelectronics STTH10LCD06 Datasheet HTML 2Page - STMicroelectronics STTH10LCD06 Datasheet HTML 3Page - STMicroelectronics STTH10LCD06 Datasheet HTML 4Page - STMicroelectronics STTH10LCD06 Datasheet HTML 5Page - STMicroelectronics STTH10LCD06 Datasheet HTML 6Page - STMicroelectronics STTH10LCD06 Datasheet HTML 7Page - STMicroelectronics STTH10LCD06 Datasheet HTML 8Page - STMicroelectronics STTH10LCD06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2010
Doc ID 15858 Rev 2
1/10
10
STTH10LCD06
Turbo2 ultrafast - high voltage rectifier for flat panel displays
Features
■ ultrafast switching
■ low reverse current
■ low thermal resistance
■ reduces conduction and switching losses
■ insulated package TO-220FPAC:
– insulated voltage: 2500 V rms
– typical package capacitance: 12 pF
Description
The STTH10LCD06 uses ST Turbo2 technology.
This device is suited for power applications in flat
panel displays and especially applicable to
switching power supplies in LCDs.
Table 1.
Device summary
IF(AV)
10 A
VRRM
600 V
Tj
175 °C
VF (typ)
1.3 V
trr (max)
50 ns
K
A
K
A
A
TO-220FPAC
STTH10LCD06FP
K
A
TO-220AC
STTH10LCD06D
K
A
A
K
DPAK
STTH10LCD06SB-TR
A
A
K
D2PAK
STTH10LCD06SG-TR
www.st.com


Similar Part No. - STTH10LCD06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH10LCD06 STMICROELECTRONICS-STTH10LCD06 Datasheet
255Kb / 11P
Turbo 2 ultrafast - high voltage rectifier for flat panel displays
13-Nov-2015
STTH10LCD06C STMICROELECTRONICS-STTH10LCD06C Datasheet
110Kb / 10P
Turbo 2 ultrafast - high voltage rectifier for SMPS
07-Apr-2011
STTH10LCD06FP STMICROELECTRONICS-STTH10LCD06FP Datasheet
255Kb / 11P
Turbo 2 ultrafast - high voltage rectifier for flat panel displays
13-Nov-2015
STTH10LCD06SB-TR STMICROELECTRONICS-STTH10LCD06SB-TR Datasheet
255Kb / 11P
Turbo 2 ultrafast - high voltage rectifier for flat panel displays
13-Nov-2015
More results

Similar Description - STTH10LCD06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9887 AD-AD9887 Datasheet
321Kb / 40P
Dual Interface for Flat Panel Displays
REV.0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
Dual Interface for Flat Panel Displays
1/03-Data Sheet changed from REV. 0 to REV. A.
AD9886 AD-AD9886 Datasheet
248Kb / 32P
Analog Interface for Flat Panel Displays
REV.0
AD9887A AD-AD9887A Datasheet
384Kb / 44P
Dual Interface for Flat Panel Displays
REV.0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
Dual Interface for Flat Panel Displays
10/04-Revision 0
logo
Cooper Bussmann, Inc.
CC12H4A-TR COOPER-CC12H4A-TR Datasheet
876Kb / 9P
Flat panel displays and televisions
logo
Analog Devices
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
Analog Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
Dual Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com