| Electronic Components Datasheet Search |
|
STTH10LCD06FP Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH10LCD06FP Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() STTH10LCD06 Package information Doc ID 15858 Rev 2 5/10 2 Package information ● Epoxy meets UL94, V0 ● Cooling method: by conduction (C) ● Recommended torque value: 0.4 to 0.6 N·m In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 6. TO-220AC dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 C 1.23 1.32 0.048 0.051 D 2.40 2.72 0.094 0.107 E 0.49 0.70 0.019 0.027 F 0.61 0.88 0.024 0.034 F1 1.14 1.70 0.044 0.066 G 4.95 5.15 0.194 0.202 H2 10.00 10.40 0.393 0.409 L2 16.40 typ. 0.645 typ. L4 13.00 14.00 0.511 0.551 L5 2.65 2.95 0.104 0.116 L6 15.25 15.75 0.600 0.620 L7 6.20 6.60 0.244 0.259 L9 3.50 3.93 0.137 0.154 M 2.6 typ. 0.102 typ. Diam. I 3.75 3.85 0.147 0.151 A C D L7 Ø I L5 L6 L9 L4 F H2 G L2 F1 E M |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |