Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA749213TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA749213TR
Description  50 W 50 W dual BTL class-D audio amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749213TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA749213TR Datasheet HTML 5Page - STMicroelectronics TDA749213TR Datasheet HTML 6Page - STMicroelectronics TDA749213TR Datasheet HTML 7Page - STMicroelectronics TDA749213TR Datasheet HTML 8Page - STMicroelectronics TDA749213TR Datasheet HTML 9Page - STMicroelectronics TDA749213TR Datasheet HTML 10Page - STMicroelectronics TDA749213TR Datasheet HTML 11Page - STMicroelectronics TDA749213TR Datasheet HTML 12Page - STMicroelectronics TDA749213TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TDA7492
Electrical specifications
Doc ID 14926 Rev 5
9/32
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical specifications
Unless otherwise stated, the results in Table 5 below are given for the conditions:
VCC =25V, RL (load) = 8 Ω, ROSC = R3 = 39 kΩ, C8 = 100 nF, f = 1 kHz, GV = 21.6 dB and
Tamb = 25 °C.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage for pins PVCCA, PVCCB, SVCC
30
V
VI
Voltage limits for input pins STBY, MUTE, INNA, INPA,
INNB, INPB, GAIN0, GAIN1
-0.3 - 3.6
V
Top
Operating temperature
0 to 70
°C
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case Thermal resistance, junction to case
-
2
3
°C/W
Table 5.
Electrical specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply voltage for
pins PVCCA, PVCCB, SVCC
-8
-
26
V
Iq
Total quiescent current
Without LC
-
26
35
mA
IqSTBY
Quiescent current in standby
-
-
2.5
5.0
µA
VOS
Output offset voltage
Play mode
--±100
mV
Mute mode
-
-
±60
IOCP
Overcurrent protection threshold
RL = 0 Ω
4.8
6.0
-
A
Tj
Junction temperature at thermal
shutdown
-
-
150
-
°C
Ri
Input resistance
Differential input
48
60
-
k
Ω
VOVP
Overvoltage protection threshold -
28
29
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com