Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM140LAH-15 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM140LAH-15
Description  LM140L/LM340L Series 3-Terminal Positive Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM140LAH-15 Datasheet(HTML) 2 Page - Texas Instruments

  LM140LAH-15 Datasheet HTML 1Page - Texas Instruments LM140LAH-15 Datasheet HTML 2Page - Texas Instruments LM140LAH-15 Datasheet HTML 3Page - Texas Instruments LM140LAH-15 Datasheet HTML 4Page - Texas Instruments LM140LAH-15 Datasheet HTML 5Page - Texas Instruments LM140LAH-15 Datasheet HTML 6Page - Texas Instruments LM140LAH-15 Datasheet HTML 7Page - Texas Instruments LM140LAH-15 Datasheet HTML 8Page - Texas Instruments LM140LAH-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM140L, LM340L
SNVS758B – APRIL 1998 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Input Voltage
35V
Internal Power Dissipation(4)
Internally Limited
LM140LA
−55°C to +125°C
Operating Temperature Range
LM340LA
0°C to +70°C
Maximum Junction Temperature
+150°C
Metal Can (NDT package)
−65°C to +150°C
Storage Temperature Range
Molded TO-92
−55°C to +150°C
Metal Can
+300°C
Lead Temperature (Soldering, 10 sec.)
Plastic TO-92
+230°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
A military RETS specification is available upon request. At the time of printing, the LM140LA-5.0, -12, and -15 RETS specifications
complied with the Min and Max limits in this table. The LM140LAH-5.0, LM140LAH-12, and LM140LAH-15 may also be procured as
Standard Military Drawings.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Thermal resistance of NDT-package is typically 26°C/W
θjC, 250°C/W θjA still air, and 94°C/W θjA 400 lf/min of air. For the LP-package is
60°C/W
θjC, 232°C/W θjA still air, and 88°C/W θjA at 400 lf/min of air. The maximum junction temperature shall not exceed 125°C on
electrical parameters.
Electrical Characteristics
Test conditions unless otherwise specified. TA = −55°C to +125°C (LM140LA), TA = 0°C to +70°C (LM340LA), IO = 40 mA, CIN
= 0.33
μF, CO = 0.01 μF.
Output Voltage Option
5.0V
12V
15V
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VO
Output
Tj = 25°C
4.9
5
5.1
11.75
12
12.25
14.7
15
15.3
Voltage
LM140LA
IO = 1 − 100 mA
4.8
5.2
11.5
12.5
14.4
15.6
(7.2–20)
(14.5–27)
(17.6–30)
V
Output
Voltage Over LM340LA
IO = 1 − 100 mA or
4.85
5.15
11.65
12.35
14.55
15.45
Temp.(1)
IO = 1 − 40 mA and
(7–20)
(14.3–27)
(17.5–30)
VIN = ( )V
ΔVO
Tj = 25°C
IO = 40 mA
18
30
30
65
37
70
VIN = ( )V
(7–25)
(14.2–30)
(17.3–30)
Line
Regulation
IO = 100 mA
18
30
30
65
37
70
mV
VIN = ( )V
(7.5–25)
(14.5–30)
(17.5–30)
Tj = 25°C
IO = 1 − 40 mA
5
20
10
40
12
50
Load
Regulation
IO = 1 − 100 mA
20
40
30
80
35
100
mV
Long Term
12
24
30
1000
Stability
hrs
IO
Tj = 25°C
3
4.5
3
4.5
3.1
4.5
Quiescent
mA
Current
Tj = 125°C
4.2
4.2
4.2
ΔIQ
Tj = 25°C
ΔLoad IO = 1 − 40
0.1
0.1
0.1
Quiescent
mA
Current
mA
ΔLine VIN = ( )V
0.5
0.5
0.5
Change
(7.5–25)
(14.3–30)
(17.5–30)
(1)
The temperature coefficient of VOUT is typically within 0.01% VO/°C.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM140L LM340L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com