Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA211AI Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 4Page - Texas Instruments OPA211AI Datasheet HTML 5Page - Texas Instruments OPA211AI Datasheet HTML 6Page - Texas Instruments OPA211AI Datasheet HTML 7Page - Texas Instruments OPA211AI Datasheet HTML 8Page - Texas Instruments OPA211AI Datasheet HTML 9Page - Texas Instruments OPA211AI Datasheet HTML 10Page - Texas Instruments OPA211AI Datasheet HTML 11Page - Texas Instruments OPA211AI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
OffsetVoltageDrift(mV/°C)
OffsetVoltage( V)
m
-50
200
150
100
50
0
50
100
150
200
-
-
-
-
AmbientTemperature( C)
°
150
-25
0
25
I
OS
+I
B
50
100
75
125
-IB
2000
1500
1000
500
0
-500
-1000
-1500
-2000
(V )+1.0
-
(V )+1.5
-
(V )+2.0
-
(V+) 1.5
-
(V+) 1.0
-
(V+) 0.5
-
V
(V)
CM
2.25
100
-100
V ( V)
±
S
18
20
4
6
40
60
80
8
10
12
14
16
0
-20
-40
-60
-80
5TypicalUnitsShown
0
12
-
12
Time(s)
60
4
10
20
30
6
8
10
20TypicalUnitsShown
2
0
-
2
-
4
-
6
-
8
-
10
40
50
OPA211
OPA2211
SBOS377G – OCTOBER 2006 – REVISED MAY 2009...................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Figure 13.
Figure 14.
IB AND IOS CURRENT vs TEMPERATURE
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 15.
Figure 16.
VOS WARMUP
INPUT OFFSET CURRENT vs SUPPLY VOLTAGE
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com