Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC970FDH Datasheet(PDF) 42 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
42 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
optimize the erase and programming mechanisms. The P89LPC970/971/972 uses VDD as
the supply voltage to perform the Program/Erase algorithms. When voltage supply is
lower than 2.4 V, the BOD flash is tripped and flash erase/program is blocked.
7.29.2 Features
• Programming and erase over the full operating voltage range.
• Byte erase allows code memory to be used for data storage.
• Read/Programming/Erase using ISP/IAP/ICP.
• Internal fixed boot ROM, containing low-level IAP routines available to user code.
• Default loader providing ISP via the serial port, located in upper end of user program
memory.
• Boot vector allows user-provided flash loader code to reside anywhere in the flash
memory space, providing flexibility to the user.
• Any flash program/erase operation in 2 ms.
• Programming with industry-standard commercial programmers.
• Programmable security for the code in the flash for each sector.
• 100000 typical erase/program cycles for each byte.
• 10 year minimum data retention.
7.29.3 Flash organization
The program memory consists of two/four/eight 1 kB sectors on the P89LPC970/971/972
device. Each sector can be further divided into 64-byte pages. In addition to sector erase,
page erase, and byte erase, a 64-byte page register is included which allows from 1 byte
to 64 bytes of a given page to be programmed at the same time, substantially reducing
overall programming time.
7.29.4 Using flash as data storage
The flash code memory array of this device supports individual byte erasing and
programming. Any byte in the code memory array may be read using the MOVC
instruction, provided that the sector containing the byte has not been secured (a MOVC
instruction is not allowed to read code memory contents of a secured sector). Thus any
byte in a non-secured sector may be used for non-volatile data storage.
7.29.5 Flash programming and erasing
Four different methods of erasing or programming of the flash are available. The flash
may be programmed or erased in the end-user application (IAP) under control of the
application’s firmware. Another option is to use the ICP mechanism. This ICP system
provides for programming through a serial clock/serial data interface. As shipped from the
factory, the upper 512 bytes of user code space contains a serial ISP routine allowing for
the device to be programmed in circuit through the serial port. The flash may also be
programmed or erased using a commercially available EPROM programmer which
supports this device. This device does not provide for direct verification of code memory
contents. Instead, this device provides a 32-bit CRC result on either a sector or the entire
user code space.
Remark: When voltage supply is lower than 2.4 V, the BOD flash is tripped and flash
erase/program is blocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com