Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC971FDH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LPC971FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC971FDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC971FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
9 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
[1]
Input/output for P1.0 to P1.4, P1.6, P1.7. Input for P1.5.
P1.7/T3EX/MOSI
2
I/O
P1.7 — Port 1 bit 7. High current source.
I
T3EX — Timer/counter 3 external capture input.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is output;
when configured as slave, this pin is input (pin remap).
P3.0 to P3.1
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type. During reset
Port 3 latches are configured in the input-only mode with the internal pull-up
disabled. The operation of Port 3 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
7.16.1 “Port configurations” and Table 11 “Static characteristics” for details.
All pins have Schmitt trigger inputs.
Port 3 also provides various special functions as described below:
P3.0/XTAL2/
CLKOUT
7I/O
P3.0 — Port 3 bit 0.
O
XTAL2 — Output from the oscillator amplifier (when a crystal oscillator option is
selected via the flash configuration.
O
CLKOUT — CPU clock divided by 2 when enabled via SFR bit (ENCLK -TRIM.6).
It can be used if the CPU clock is the internal RC oscillator, watchdog oscillator or
external clock input, except when XTAL1/XTAL2 are used to generate clock source
for the RTC/system timer.
P3.1/XTAL1
6
I/O
P3.1 — Port 3 bit 1.
I
XTAL1 — Input to the oscillator circuit and internal clock generator circuits (when
selected via the flash configuration). It can be a port pin if internal RC oscillator or
watchdog oscillator is used as the CPU clock source, and if XTAL1/XTAL2 are not
used to generate the clock for the RTC/system timer.
VSS
5I
Ground: 0 V reference.
VDD
15
I
Power supply: This is the power supply voltage for normal operation as well as
Idle and Power-down modes.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description
DIP20,
TSSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com