Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSERIENT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DSERIENT
Description  D Series Narrow Tolerance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSERIENT Datasheet(HTML) 2 Page - Vishay Siliconix

  DSERIENT Datasheet HTML 1Page - Vishay Siliconix DSERIENT Datasheet HTML 2Page - Vishay Siliconix DSERIENT Datasheet HTML 3Page - Vishay Siliconix DSERIENT Datasheet HTML 4Page - Vishay Siliconix DSERIENT Datasheet HTML 5Page - Vishay Siliconix DSERIENT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28512
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
35
D Series Narrow Tolerance
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
Vishay BCcomponents
ORDERING INFORMATION, CLASS 1, 100 VDC, KINKED AND STRAIGHT
C (PF)
TOL. (%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 1 NP0
1.5
± 0.25 pF
5.0
5.0
4.0
D159C20C0KH6.J5R
2.5
1.5
D159C20C0KH6.L2R
1.8
5.0
4.0
D189C20C0KH6.J5R
2.5
1.5
D189C20C0KH6.L2R
2.2
5.0
4.0
D229C20C0JH6.J5R
2.5
1.5
D229C20C0JH6.L2R
3.3
5.0
4.0
D339C20C0JH6.J5R
2.5
1.5
D339C20C0JH6.L2R
4.7
5.0
4.0
D479C20C0HH6.J5R
2.5
1.5
D479C20C0HH6.L2R
6.8
5.0
4.0
D689C20C0HH6.J5R
2.5
1.5
D689C20C0HH6.L2R
10
± 2
5.0
4.0
D100G20C0GH6.J5R
2.5
1.5
D100G20C0GH6.L2R
15
5.0
4.0
D150G20C0GH6.J5R
2.5
1.5
D150G20C0GH6.L2R
22
5.0
4.0
D220G20C0GH6.J5R
2.5
1.5
D220G20C0GH6.L2R
33
5.0
4.0
D330G20C0GH6.J5R
2.5
1.5
D330G20C0GH6.L2R
47
± 2
6.5
5.0
4.0
D470G25C0GH6.J5R
2.5
1.5
D470G25C0GH6.L2R
68
5.0
4.0
D680G25C0GH6.J5R
2.5
1.5
D680G25C0GH6.L2R
100
7.5
5.0
4.0
D101G29C0GH6.J5R
2.5
1.5
D101G29C0GH6.L2R
150
8.5
5.0
4.0
D151G33C0GH6.J5R
2.5
1.5
D151G33C0GH6.L2R
220
11.0
5.0
4.0
D221G43C0GH6.J5R
2.5
1.5
D221G43C0GH6.L2R
CLASS 1 N750
6.8
± 0.25 pF
5.5
5.0
4.0
D689C20U2JH6.J5R
2.5
1.5
D689C20U2JH6.L2R
10
± 2
5.0
4.0
D100G20U2JH6.J5R
2.5
1.5
D100G20U2JH6.L2R
15
5.0
4.0
D150G20U2JH6.J5R
2.5
1.5
D150G20U2JH6.L2R
22
5.0
4.0
D220G20U2JH6.J5R
2.5
1.5
D220G20U2JH6.L2R
33
5.0
4.0
D330G20U2JH6.J5R
2.5
1.5
D330G20U2JH6.L2R
47
5.0
4.0
D470G20U2JH6.J5R
2.5
1.5
D470G20U2JH6.L2R
68
6.5
5.0
4.0
D680G25U2JH6.J5R
2.5
1.5
D680G25U2JH6.L2R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com