Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF356 Datasheet(PDF) 2 Page - Tyco Electronics

Part # HF356
Description  RF Signal Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF356 Datasheet(HTML) 2 Page - Tyco Electronics

  HF356 Datasheet HTML 1Page - Tyco Electronics HF356 Datasheet HTML 2Page - Tyco Electronics HF356 Datasheet HTML 3Page - Tyco Electronics HF356 Datasheet HTML 4Page - Tyco Electronics HF356 Datasheet HTML 5Page - Tyco Electronics HF356 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
RF Signal Relays
HF3 Relay (Continued)
RF Data
Isolation
at 100MHz/900MHz
80dB/72dB
80dB/72dB
at 3GHz
45dB
40dB
Insertion loss
at 100MHz/900MHz
0.03dB/0.12dB
0.03dB/0.12dB
at 3GHz
0.35dB
0.40dB
Voltage standing wave ratio (VSWR)
at 100MHz/900MHz/3GHz
1.05/1.20/1.20
1.05/1.20/1.40
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-55°C to +85°C
Thermal resistance
<165K/W
Category of environmental protection
IEC 61810
RT III - wash tight
Degree of protection, IEC 60529
IP 67, immersion cleanable
Vibration resistance (functional)
35g, 10 to 1000Hz
Shock resistance (functional), half sinus 11ms
50g
Shock resistance (destructive), half sinus 0.5ms
150g
Terminal type
SMT
Weight
max. 2.5g
Resistance to soldering heat SMT
IEC 60068-2-58
265°C/10s
Moisture sensitive level, JEDEC J-Std-020D
MSL3
Ultrasonic cleaning
not recommended
Packaging/unit
reel/400 pcs., box/400 or 2000 pcs.
Insulation Data
50Ω version
75Ω version
Initial dielectric strength
between open contacts
600Vrms
between contact and coil
1000Vrms
Initial surge withstand voltage
between open contacts
1000V
between contact and coil
1500V
108-98000 Rev. F
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
HF3 Relay
AXICOM
Umax. at 0 A
Uop. min.
Urel. min.
140 mW
Ambient Temperature [°C]
Terminal assignment
Relay top view
Non-latching type,
not energized condition
Latching type, 2 coils
reset condition
Latching type, 1 coil
rest condition
Coil Operating Range
0
0.5
1
1.5
2
2.5
3
3.5
-55-45 -35-25 -15-55
15 25 35 45 55 65 75 85 95 105115 125135
Unom. nominal coil voltage
Umax. at 0 A
Uop. min.
70 mW
Ambient Temperature [°C]
Unom. nominal coil voltage
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
Uop. min. =
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
140 mW
70 mW
Contacts in reset position. Contact po-
sition might change during transporta-
tion and must be reset before use.
108-98000 Rev. F
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
HF3 Relay
AXICOM
Umax. at 0 A
Uop. min.
Urel. min.
140 mW
Ambient Temperature [°C]
Terminal assignment
Relay top view
Non-latching type,
not energized condition
Latching type, 2 coils
reset condition
Latching type, 1 coil
rest condition
Coil Operating Range
0
0.5
1
1.5
2
2.5
3
3.5
-55-45 -35-25 -15-55
15 25 35 45 55 65 75 85 95 105115 125135
Unom. nominal coil voltage
Umax. at 0 A
Uop. min.
70 mW
Ambient Temperature [°C]
Unom. nominal coil voltage
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
Uop. min. =
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
140 mW
70 mW
Contacts in reset position. Contact po-
sition might change during transporta-
tion and must be reset before use.
Coil operating Range



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com