Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA201 Datasheet(PDF) 2 Page - Tyco Electronics

Part # LA201
Description  L Series - Power Entry Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LA201 Datasheet(HTML) 2 Page - Tyco Electronics

  LA201 Datasheet HTML 1Page - Tyco Electronics LA201 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Assembly — Part No. MA100
Power interconnect assembly for voltage select models of
the M series. Simplifies connection of power entry module
to power supply. Designed for use with either filtered or
unfiltered voltage selection models. 8.5" wire leads.
Part No. MA101 - Plug Only
Part No. MA102 - Pins on Strips
Part No. MA103 - Pins on Reel (7,000 pins)
Part No. MA104 - Pins Only
Assembly — Part No. MA400
Medical safety bracket kit for use with HM models. Bracket
allows customer to undergo UL544 abnormal condition
testing without removal of fuse(s) in power entry module.
Part No. MA401 - Bracket Only
Part No. MA402 - Standoff Only
Voltage Card — Part No. MA302
Two-voltage selection capability for use with M series
power entry modules. Marked 120V/240V. One MA302
comes standard with two-voltage M series modules.
Voltage Card — Part No. MA304
Four-voltage selection capability for use with M series
power entry modules. Marked 100V/120V/230V/240V.
One MA304 comes standard with four-voltage M series
modules.
Accessories (Continued)
143
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
M Series - Power Entry Modules
P Series
Insulating Boot — Part No. MA601
Plastic shroud to cover back of VM and EFM power entry
modules preventing inadvertent access to tracings.
Part No. MA601 - fits M4S versions
Part No. MA602 - fits M1S versions
Part No. MA603 - fits M4 versions
Part No. MA604 - fits M1 versions
Assembly — Part No. PA100
Power connector assembly for voltage select modules of
the P series. Simplifies the connection of power entry mod-
ule to power supply. Designed for use with either filtered or
unfiltered modules. Includes 6 inch wires (4).
Part No. PA101 - Plug Only
Part No. PA102 - Pins Only
Part No. PA105 - Same as PA100, except has 2 wires for
no voltage selection models
J Extender — Part No. PA400
Extends P series module to fit J panel cutout. Cannot be
used with B shield.
L Extender — Part No. PA410
Extends P series width to fit L panel cutout (use two per
module). Unshielded versions only.
C Extender — Part No. PA420
Extends P series height by .20"
PA101
0
0
4
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com