Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP33CG Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP33CG
Description  NPN High-Power Transistors Designed for general?뭦urpose power amplifier and switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP33CG Datasheet(HTML) 4 Page - ON Semiconductor

  TIP33CG Datasheet HTML 1Page - ON Semiconductor TIP33CG Datasheet HTML 2Page - ON Semiconductor TIP33CG Datasheet HTML 3Page - ON Semiconductor TIP33CG Datasheet HTML 4Page - ON Semiconductor TIP33CG Datasheet HTML 5Page - ON Semiconductor TIP33CG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP33A, TIP33C
http://onsemi.com
4
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (A)
0.1
1.0
5.0
10
10
20
100
500
200
50
NPN
PNP
VCE = 4.0 V
TJ = 25°C
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
20
1.0
50
100
Figure 2. Maximum Rated Forward Bias
Safe Operating Area
1.0
0.1
2.0
SECONDARY BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMIT
1.0ms
dc
300
ms
5.0
3.0
15
10
10ms
0.2
0.5
2.0
3.0
5.0 7.0
30
70
TC = 25°C
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
60
0
80
100
Figure 3. Maximum Rated Forward Bias
Safe Operating Area
0
10
15
20
5.0
20
40
L = 200
mH
IC/IB ≥ 5.0
VBE(off) = 0 to 5.0 V
TC = 100°C
TIP33A
TIP33C
FORWARD BIAS
The Forward Bias Safe Operating Area represents the
voltage and current conditions these devices can withstand
during forward bias. The data is based on TC = 25_C; TJ(pk)
is variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10%, and must be
derated thermally for TC > 25_C.
REVERSE BIAS
The Reverse Bias Safe Operating Area represents the
voltage and current conditions these devices can withstand
during reverse biased turn−off. This rating is verified under
clamped conditions so the device is never subjected to an
avalanche mode.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com