Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOC7707 Datasheet(PDF) 188 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 188 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 184Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 185Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 186Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 187Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 188Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 189Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 190Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 191Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 192Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 307 page
background image
188
7707F–AVR–11/10
AT90USB82/162
• the USB controller clock is stopped in order to minimize the power consumption
(FRZCLK=1),
• the USB controller is disabled,
• USB is in the suspend mode,
• the Device USB controllers internal state is reset.
• The DPACC bit and the DPADD10:0 field can be set by software. The DPRAM is not cleared.
• The SPDCONF bits can be set by software.
After setting USBE, the USB Controller enters in the Device state.
The USB Controller can at any time be ‘stopped’ by clearing USBE. In fact, clearing USBE acts
as an hardware reset on the USB macro.
19.4.3
Interrupts
Two interrupts vectors are assigned to USB controller.
Figure 19-8. USB Interrupt System
The macro distinguishes between USB General events in opposition with USB Endpoints events
that are relevant with data transfers relatives to each endpoint.
Figure 19-9. USB General interrupt vector sources
USB Device
Interrupt
USB General
Interrupt Vector
Endpoint
Interrupt
USB Endpoint/Pipe
Interrupt Vector
UPRSMI
UDINT.6
UPRSME
UDIEN.6
EORSMI
UDINT.5
EORSME
UDIEN.5
WAKEUPI
UDINT.4
WAKEUPE
UDIEN.4
EORSTI
UDINT.3
EORSTE
UDIEN.3
SOFI
UDINT.2
SOFE
UDIEN.2
SUSPI
UDINT.0
SUSPE
UDIEN.0
USB General
Interrupt Vector
Asynchronous Interrupt source
(allows the CPU to wake up from power down mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com