| Electronic Components Datasheet Search |
|
DOC1925 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DOC1925 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers |
|
49 / 61 page ![]() Using AVR Studio AVR STK500 User Guide 5-9 1925C–AVR–3/03 5.4 Command Line Software The DOS command line version of the STK500 software is useful for programming STK500 from external editors or for use in production programmers. Simple batch files can be made for automatic programming. Type “STK500 -?” for help. The program returns ERRORCODE 0 if the operation was successful, and ERROR- CODE 1 if the operation failed. Command Line Switches: [-d device name] [-m s|p] [-if infile] [-ie infile] [-of outfile] [-oe outfile] [-s] [-O] [-Sf addr] [-Seaddr] [-e] [-p f|e|b] [-r f|e|b] [-v f|e|b] [-l value] [-L value] [-y] [-f value] [-E value] [-F value] [-G value] [-q] [-x value] [-af start,stop] [-ae start,stop] [-c port] [-ut value] [-ua value] [-wt] [-wa] [-b h|s] [-! freq] [-t] [-g] [-z] [-h|?] 5.5 Parameters d Device name. Must be applied when programming the device. See list below. m Select programming mode; serial (s) or parallel/High-voltage (p). Serial programming mode is the default, and is used if this parameter not applied. if Name of FLASH input file. Required for programming or verification of the FLASH memory. The file format is Intel Extended HEX. ie Name of EEPROM input file. Required for programming or verification of the EEPROM memory. The file format is Intel Extended HEX. of Name of flash output file. Required for readout of the FLASH memory. The file format is Intel Extended HEX. oe Name of EEPROM output file. Required for readout of the EEPROM memory. The file format is Intel Extended HEX. s Read signature bytes. O Read oscillator calibration byte. Sf Write oscillator call. byte to FLASH memory. “addr” is byte address Se Write oscillator call. byte to EEPROM memory. “addr” is byte address e Erase device. If applied with another programming parameter, the device will be erased before any other programming takes place. p Program device; FLASH (f), EEPROM (e) or both (b). Corresponding input files are required. r Read out device; FLASH (f), EEPROM (e) or both (b). Corresponding output files are required v Verify device; FLASH (f), EEPROM (e) or both (b). Can be used with -p or stand alone. Corresponding input files are required. l Set lock byte. “value' is an 8-bit hex. value. L Verify lock byte. “value” is an 8-bit hex. value to verify against. y Read back lock byte. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |