Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS30097 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DS30097
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DS30097 Datasheet(HTML) 3 Page - Diodes Incorporated

  DS30097 Datasheet HTML 1Page - Diodes Incorporated DS30097 Datasheet HTML 2Page - Diodes Incorporated DS30097 Datasheet HTML 3Page - Diodes Incorporated DS30097 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4148WS / BAV16WS
Document number: DS30097 Rev. 20 - 2
3 of 4
www.diodes.com
March 2012
© Diodes Incorporated
1N4148WS / BAV16WS
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T = 0ºC
A
0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Reverse Voltage
R
110
100
Fig. 5 Maximum Non-Repetitive Surge Current
1
10
NUMBER OF CYCLES
I
FSM
8.3ms 8.3ms
1 cyc
Fig. 6 Maximum Non-Repetitive Surge Current
1
10
0.1
1
10
100
PULSE WIDTH (ms)
IFSM
t
Package Outline Dimensions
SOD323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
K
L
M
J
C
H
B
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com