Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD812 Datasheet(PDF) 1 Page - Analog Devices

Part # AD812
Description  Dual, Current Feedback Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812 Datasheet(HTML) 1 Page - Analog Devices

  AD812 Datasheet HTML 1Page - Analog Devices AD812 Datasheet HTML 2Page - Analog Devices AD812 Datasheet HTML 3Page - Analog Devices AD812 Datasheet HTML 4Page - Analog Devices AD812 Datasheet HTML 5Page - Analog Devices AD812 Datasheet HTML 6Page - Analog Devices AD812 Datasheet HTML 7Page - Analog Devices AD812 Datasheet HTML 8Page - Analog Devices AD812 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AD812
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
Dual, Current Feedback
Low Power Op Amp
PIN CONFIGURATION
8-Lead Plastic
Mini-DIP and SOIC
OUT1
–IN1
+IN1
V+
OUT2
–IN2
+IN2
V–
AD812
+
+
4
3
2
1
5
6
7
8
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
REV. B
FEATURES
Two Video Amplifiers in One 8-Lead SOIC Package
Optimized for Driving Cables in Video Systems
Excellent Video Specifications (RL = 150
):
Gain Flatness 0.1 dB to 40 MHz
0.02% Differential Gain Error
0.02 Differential Phase Error
Low Power
Operates on Single +3 V Supply
5.5 mA/Amplifier Max Power Supply Current
High Speed
145 MHz Unity Gain Bandwidth (3 dB)
1600 V/ s Slew Rate
Easy to Use
50 mA Output Current
Output Swing to 1 V of Rails (150
Load)
APPLICATIONS
Video Line Driver
Professional Cameras
Video Switchers
Special Effects
PRODUCT DESCRIPTION
The AD812 is a low power, single supply, dual video amplifier.
Each of the amplifiers have 50 mA of output current and are
optimized for driving one back-terminated video load (150
Ω)
each. Each amplifier is a current feedback amplifier and fea-
tures gain flatness of 0.1 dB to 40 MHz while offering differen-
tial gain and phase error of 0.02% and 0.02
°. This makes the
AD812 ideal for professional video electronics such as cameras
and video switchers.
–0.1
–0.6
1M
100M
10M
–0.2
–0.3
–0.4
–0.5
0
0.1
100k
FREQUENCY – Hz
0.2
0.3
0.4
G = +2
RL = 150
5V
3V
VS = 15V
5V
Figure 1. Fine-Scale Gain Flatness vs. Frequency, Gain
= +2, RL = 150 Ω
The AD812 offers low power of 4.0 mA per amplifier max (VS =
+5 V) and can run on a single +3 V power supply. The outputs
of each amplifier swing to within one volt of either supply rail to
easily accommodate video signals of 1 V p-p. Also, at gains of
+2 the AD812 can swing 3 V p-p on a single +5 V power sup-
ply. All this is offered in a small 8-lead plastic DIP or 8-lead
SOIC package. These features make this dual amplifier ideal
for portable and battery powered applications where size and
power is critical.
The outstanding bandwidth of 145 MHz along with 1600 V/
µs
of slew rate make the AD812 useful in many general purpose
high speed applications where a single +5 V or dual power sup-
plies up to
±15 V are available. The AD812 is available in the
industrial temperature range of –40
°C to +85°C.
15
0.06
0.02
6
0.04
5
0.08
14
12
11
10
13
9
8
7
SUPPLY VOLTAGE –
Volts
0.06
0.02
0.04
0
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
Figure 2. Differential Gain and Phase vs. Supply Voltage,
Gain = +2, RL = 150 Ω


Similar Part No. - AD812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
AD812 AD-AD812 Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD8120 AD-AD8120 Datasheet
455Kb / 16P
Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
AD8120ACPZ-R2 AD-AD8120ACPZ-R2 Datasheet
455Kb / 16P
Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
AD8120ACPZ-R7 AD-AD8120ACPZ-R7 Datasheet
455Kb / 16P
Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results

Similar Description - AD812

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
Dual Wideband, Low-Noise, Voltage Feedback Op Amp
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
400MHz, 50mW Current-Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812_15 Datasheet
376Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com