Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7450
Description  Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450 Datasheet(HTML) 4 Page - Analog Devices

  AD7450 Datasheet HTML 1Page - Analog Devices AD7450 Datasheet HTML 2Page - Analog Devices AD7450 Datasheet HTML 3Page - Analog Devices AD7450 Datasheet HTML 4Page - Analog Devices AD7450 Datasheet HTML 5Page - Analog Devices AD7450 Datasheet HTML 6Page - Analog Devices AD7450 Datasheet HTML 7Page - Analog Devices AD7450 Datasheet HTML 8Page - Analog Devices AD7450 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
–4–
AD7450
Limit at TMIN, TMAX
Parameter
3 V
5 V
Unit
Description
fSCLK
4
50
50
kHz min
15
18
MHz max
tCONVERT
16
tSCLK
16
tSCLK
tSCLK = 1/fSCLK
1.07
0.88
µs max
SCLK = 15 MHz, 18 MHz
tQUIET
25
25
ns min
Minimum Quiet Time between the End of a Serial Read and the Next
Falling Edge of
CS
t1
10
10
ns min
Minimum
CS Pulsewidth
t2
10
10
ns min
CS Falling Edge to SCLK Falling Edge Setup Time
t3
5
20
20
ns max
Delay from
CS Falling Edge until SDATA Three-State Disabled
t4
5
40
40
ns max
Data Access Time after SCLK Falling Edge
t5
0.4 tSCLK
0.4 tSCLK
ns min
SCLK High Pulsewidth
t6
0.4 tSCLK
0.4 tSCLK
ns min
SCLK Low Pulsewidth
t7
10
10
ns min
SCLK Edge to Data Valid Hold Time
t8
6
10
10
ns min
SCLK Falling Edge to SDATA Three-State Enabled
35
35
ns max
SCLK Falling Edge to SDATA Three-State Enabled
tPOWER-UP
7
11
µs max
Power-Up Time from Full Power-Down
NOTES
1Sample tested at 25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
2See Figure 1 and the Serial Interface section.
3Common-mode voltage.
4Mark/space ratio for the SCLK input is 40/60 to 60/40.
5Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.4 V with V
DD = 5 V, and the time for an output to cross
0.4 V or 2.0 V for VDD = 3 V.
6t
8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
7See Power-Up Time section.
Specifications subject to change without notice.
1
2
345
13
16
15
14
00
00
DB11
DB10
DB2
DB1
DB0
t
2
4 LEADING ZEROS
t
8
t
QUIET
t
CONVERT
CS
SCLK
SDATA
t
6
t
7
t
4
t
5
t
3
t
1
THREE-STATE
Figure 1. Serial Interface Timing Diagram
TIMING SPECIFICATIONS1, 2 (V
DD = 2.7 V to 3.3 V, fSCLK = 15 MHz, fS = 833 kSPS, VREF = 1.25 V; VDD = 4.75 V to 5.25 V,
fSCLK = 18 MHz, fS = 1 MSPS, VREF = 2.5 V; VCM
3 = V
REF; TA = TMIN to TMAX, unless otherwise noted.)
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com