Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7482BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7482BSTZ
Description  3 MSPS, 12-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7482BSTZ Datasheet HTML 7Page - Analog Devices AD7482BSTZ Datasheet HTML 8Page - Analog Devices AD7482BSTZ Datasheet HTML 9Page - Analog Devices AD7482BSTZ Datasheet HTML 10Page - Analog Devices AD7482BSTZ Datasheet HTML 11Page - Analog Devices AD7482BSTZ Datasheet HTML 12Page - Analog Devices AD7482BSTZ Datasheet HTML 13Page - Analog Devices AD7482BSTZ Datasheet HTML 14Page - Analog Devices AD7482BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7482
Rev. B | Page 11 of 20
TERMINOLOGY
Integral Nonlinearity
The integral nonlinearity is the maximum deviation from a
straight line passing through the endpoints of the ADC transfer
function. The endpoints of the transfer function are zero scale, a
point 1/2 LSB below the first code transition, and full scale, a
point 1/2 LSB above the last code transition.
Differential Nonlinearity
The differential nonlinearity is the difference between the
measured and ideal 1 LSB change between any two adjacent
codes in the ADC.
Offset Error
The offset error is the deviation of the first code transition
(00...000) to (00...001) from the ideal, that is, AGND + 0.5 LSB.
Gain Error
The gain error is the deviation of the last code transition
(111...110) to (111...111) from the ideal, that is, VREF − 1.5 LSB
after the offset error is adjusted out.
Track-and-Hold Acquisition Time
Track-and-hold acquisition time is the time required for the
output of the track-and-hold amplifier to reach its final value,
within ±1/2 LSB, after the end of conversion (the point at which
the track-and-hold returns to track mode).
Signal-to-Noise + Distortion (SINAD) Ratio
The SINAD ratio is the measured ratio of signal-to-noise +
distortion at the output of the ADC. The signal is the rms
amplitude of the fundamental. Noise is the sum of all nonfunda-
mental signals up to half the sampling frequency (fS/2), excluding
dc. The ratio is dependent on the number of quantization levels
in the digitization process; the more levels, the smaller the
quantization noise. The theoretical SINAD ratio for an ideal N-bit
converter with a sine wave input is given by:
Signal-to-Noise + Distortion = (6.02N +1.76)dB
Therefore, this is 74 dB for a 12-bit converter.
Total Harmonic Distortion (THD)
The THD is the ratio of the rms sum of the harmonics to the
fundamental. It is defined as
1
2
6
2
5
2
4
2
3
2
2
log
20
)
dB
(
V
V
V
V
V
V
THD
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the ratio of the rms
value of the next largest component in the ADC output spectrum
(up to fS/2 and excluding dc) to the rms value of the fundamental.
The value of this specification is usually determined by the largest
harmonic in the spectrum, but for ADCs where the harmonics
are buried in the noise floor, it is a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion products
at sum and difference frequencies of mfa ± nfb, where m and n = 0,
1, 2, 3, and so on. Intermodulation distortion terms are those for
which neither m nor n is equal to zero. For example, the second
order terms include (fa + fb) and (fa − fb), wh
ereas the third order
terms include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7482 is tested using the CCIF standard, where two input
frequencies near the top end of the input bandwidth are used. In
this case, the second order terms are usually distanced in frequency
from the original sine waves, whereas the third order terms are
usually at a frequency close to the input frequencies. As a result,
the second order and third order terms are specified separately.
The calculation of the intermodulation distortion is as per the
THD specification, where it is the ratio of the rms sum of the
individual distortion products to the rms amplitude of the sum
of the fundamentals expressed in dBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com