Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7450ARMZ
Description  Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7450ARMZ Datasheet HTML 8Page - Analog Devices AD7450ARMZ Datasheet HTML 9Page - Analog Devices AD7450ARMZ Datasheet HTML 10Page - Analog Devices AD7450ARMZ Datasheet HTML 11Page - Analog Devices AD7450ARMZ Datasheet HTML 12Page - Analog Devices AD7450ARMZ Datasheet HTML 13Page - Analog Devices AD7450ARMZ Datasheet HTML 14Page - Analog Devices AD7450ARMZ Datasheet HTML 15Page - Analog Devices AD7450ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
–12–
AD7450
REFERENCE = 1.25V
1.25V p-p
COMMON-MODE (CM)
CMMIN = 0.625V
CMMAX = 4.42V
REFERENCE = 2.5V
2.5V p-p
COMMON-MODE (CM)
CMMIN = 1.25V
CMMAX = 3.75V
VIN–
VIN
VIN–
VIN
Figure 10. Examples of the Analog Inputs to VIN+
and VIN– for Different Values of VREF for VDD = 5 V
Analog Input Structure
Figure 11 shows the equivalent circuit of the analog input struc-
ture of the AD7450. The four diodes provide ESD protection
for the analog inputs. Care must be taken to ensure that the
analog input signals never exceed the supply rails by more than
300 mV. This will cause these diodes to become forward biased
and start conducting into the substrate. These diodes can conduct
up to 10 mA without causing irreversible damage to the part.
The capacitors, C1, in Figure 11 are typically 4 pF and can prima-
rily be attributed to pin capacitance. The resistors are lumped
components made up of the ON resistance of the switches. The
value of these resistors is typically about 100
Ω. The capacitors,
C2, are the ADC’s sampling capacitors and have a capacitance
of 16 pF typically.
For ac applications, removing high-frequency components from
the analog input signal is recommended by the use of an RC
low-pass filter on the relevant analog input pins. In applications
where harmonic distortion and signal-to-noise ratio are critical,
the analog input should be driven from a low impedance source.
Large source impedances will significantly affect the ac perfor-
mance of the ADC. This may necessitate the use of an input
buffer amplifier. The choice of the op amp will be a function of
the particular application.
VDD
C1
D
D
VIN+
R1
C2
VIN–
R1
C2
VDD
D
D
C1
Figure 11. Equivalent Analog Input Circuit
Conversion Phase—Switches Open
Track Phase—Switches Closed
When no amplifier is used to drive the analog input, the source
impedance should be limited to values lower than 1 k
Ω. The
maximum source impedance will depend on the amount of
total harmonic distortion (THD) that can be tolerated. The THD
will increase as the source impedance increases and the perfor-
mance will degrade. Figure 12 shows a graph of the THD versus
the analog input signal frequency for different source impedances.
INPUT FREQUENCY – kHz
–74
–70
–72
–76
–78
–82
–80
10
1000
100
TA = 25 C
VDD = 5V
RIN = 1k
VDD = 3V
RIN = 1k
VDD = 3V
RIN = 100
VDD = 5V
RIN = 100
Figure 12. THD vs. Analog Input Frequency for
Various Source Impedances for VDD = 5 V and 3 V
Figure 13 shows a graph of the THD versus the analog input
frequency for VDD of 5 V
± 5% and 3 V ± 10%, while sampling
at 1 MSPS and 833 kSPS with a SCLK of 18 MHz and
15 MHz, respectively. In this case, the source impedance is 10
Ω.
INPUT FREQUENCY – kHz
–95
–70
–60
–65
–75
–80
–90
–85
10
1000
100
TA = 25 C
VDD = 3.3V
VDD = 2.7V
VDD = 4.75V
VDD = 5.25V
Figure 13. THD vs. Analog Input Frequency for 3 V
± 10% and 5 V ± 5% Supply Voltages
DRIVING DIFFERENTIAL INPUTS
Differential operation requires that VIN+ and VIN– be simulta-
neously driven with two equal signals that are 180
o out of phase.
The common mode must be set up externally and has a range
that is determined by VREF, the power supply, and the particular
amplifier used to drive the analog inputs (see Figures 8 and 9).
Differential modes of operation with either an ac or dc input
provide the best THD performance over a wide frequency range.
Since not all applications have a signal preconditioned for
differential operation, there is often a need to perform single-
ended-to-differential conversion.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com