Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7813 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7813
Description  2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7813 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7813 Datasheet HTML 3Page - Analog Devices AD7813 Datasheet HTML 4Page - Analog Devices AD7813 Datasheet HTML 5Page - Analog Devices AD7813 Datasheet HTML 6Page - Analog Devices AD7813 Datasheet HTML 7Page - Analog Devices AD7813 Datasheet HTML 8Page - Analog Devices AD7813 Datasheet HTML 9Page - Analog Devices AD7813 Datasheet HTML 10Page - Analog Devices AD7813 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD7813
–9–
REV. C
PARALLEL INTERFACE
The parallel interface of the AD7813 is eight bits wide. The
output data buffers are activated when both CS and RD are
logic low. At this point the contents of the data register are
placed on the 8-bit data bus. Figure 15 shows the timing dia-
gram for the parallel port. As previously explained, two succes-
sive read operations must take place in order to access the 10-bit
conversion result. The first read places the 8 MSBs on the data
bus and the second read places the 2 LSBs on the data bus. The
2 LSBs appear on DB7 and DB6, with DB5–DB0 set to logic zero.
Further read operations will access the 8 MSBs and 2 LSBs of
the 10-bit ADC conversion result again. The parallel interface
of the AD7813 is reset when BUSY goes logic high. This feature
allows the AD7813 to be used as an 8-bit converter if the user
only wishes to access the 8 MSBs of the conversion. Care must
be taken to ensure that a read operation does not occur while
BUSY is high. Data read from the AD7813 while BUSY is high
will be invalid. For optimum performance the read operation
should end at least 100 ns (t10) prior to the falling edge of the
next CONVST.
8 MSBs
t1
t2
t3
t POWER-UP
EXT
CONVST
INT
CONVST
BUSY
CS/RD
DB7–DB0
2 LSBs
Figure 13. Mode 1 Operation
8 MSBs
t1
t3
EXT
CONVST
INT
CONVST
BUSY
CS/RD
DB7–DB0
t POWER-UP
Figure 14. Mode 2 Operation
CONVST
BUSY
CS
DB7–DB0
t2
t3
t1
t4
t6
t7
t5
RD
t8
t9
8 MSBs
2 MSBs
Figure 15. Parallel Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com