Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8073JRZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8073JRZ
Description  Low Cost, Dual/Triple Video Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073JRZ Datasheet(HTML) 5 Page - Analog Devices

  AD8073JRZ Datasheet HTML 1Page - Analog Devices AD8073JRZ Datasheet HTML 2Page - Analog Devices AD8073JRZ Datasheet HTML 3Page - Analog Devices AD8073JRZ Datasheet HTML 4Page - Analog Devices AD8073JRZ Datasheet HTML 5Page - Analog Devices AD8073JRZ Datasheet HTML 6Page - Analog Devices AD8073JRZ Datasheet HTML 7Page - Analog Devices AD8073JRZ Datasheet HTML 8Page - Analog Devices AD8073JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REV. D
AD8072/AD8073
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8072/AD8073 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2 V
Internal Power Dissipation2
AD8072 8-Lead Plastic (N) . . . . . . . . . . . . . . . . . . 1.3 Watts
AD8072 8-Lead Small Outline (SO-8) . . . . . . . . . 0.9 Watts
AD8072 8-Lead
µSOIC (RM) . . . . . . . . . . . . . . . . 0.6 Watts
AD8073 14-Lead Plastic (N) . . . . . . . . . . . . . . . . . 1.6 Watts
AD8073 14-Lead Small Outline (R) . . . . . . . . . . . 1.0 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . .
±1.25 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range
N, R, RM Packages . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic Package:
θ
JA = 90
°C/W
8-Lead SOIC Package:
θ
JA = 140
°C/W
8-Lead
µSOIC Package: θ
JA = 214
°C/W
14-Lead Plastic Package:
θ
JA = 75
°C/W
14-Lead SOIC Package:
θ
JA = 120
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
*AD8072ARM
–40
°C to +85°C 8-Lead µSOIC
RM-8
*AD8072ARM-REEL –40
°C to +85°C 13" Reel 8-Lead µSOIC RM-8
*AD8072ARM-REEL7 –40
°C to +85°C 7" Reel 8-Lead µSOIC RM-8
AD8072JN
0
°C to 70°C
8-Lead Plastic DIP
N-8
AD8072JR
0
°C to 70°C
8-Lead SOIC
SO-8
AD8072JR-REEL
0
°C to 70°C
13" Reel 8-Lead SOIC SO-8
AD8072JR-REEL7
0
°C to 70°C
7" Reel 8-Lead SOIC
SO-8
AD8073JN
0
°C to 70°C
14-Lead Plastic DIP
N-14
AD8073JR
0
°C to 70°C
14-Lead Narrow SOIC R-14
AD8073JR-REEL
0
°C to 70°C
13" Reel 14-Lead SOIC R-14
AD8073JR-REEL7
0
°C to 70°C
7" Reel 14-Lead SOIC R-14
*Brand Code: HLA
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8072
and AD8073 is limited by the associated rise in junction tem-
perature. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition tem-
perature of the plastic, approximately 150
°C. Exceeding this
limit temporarily may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175
°C for an extended
period can result in device failure.
While the AD8072 and AD8073 are internally short circuit pro-
tected, this may not be sufficient to guarantee that the maximum
junction temperature (150
°C) is not exceeded under all condi-
tions. To ensure proper operation, it is necessary to observe the
maximum power derating curves shown in Figures 2 and 3.
AMBIENT TEMPERATURE – C
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
10
20
30
5060
7080
40
1.0
0.5
8-LEAD MINI-DIP PACKAGE
8-LEAD SOIC PACKAGE
TJ = 150 C
SOIC
Figure 2. AD8072 Maximum Power Dissipation vs.
Temperature
AMBIENT TEMPERATURE – C
2.5
2.0
0.5
–50
90
–40 –30 –20 –10 0
1020
3040 50
60
80
1.5
1.0
70
14-LEAD SOIC
14-LEAD DIP PACKAGE
TJ = 150 C
Figure 3. AD8073 Maximum Power Dissipation vs.
Temperature
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com