Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9742ARURL7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9742ARURL7
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742ARURL7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9742ARURL7 Datasheet HTML 14Page - Analog Devices AD9742ARURL7 Datasheet HTML 15Page - Analog Devices AD9742ARURL7 Datasheet HTML 16Page - Analog Devices AD9742ARURL7 Datasheet HTML 17Page - Analog Devices AD9742ARURL7 Datasheet HTML 18Page - Analog Devices AD9742ARURL7 Datasheet HTML 19Page - Analog Devices AD9742ARURL7 Datasheet HTML 20Page - Analog Devices AD9742ARURL7 Datasheet HTML 21Page - Analog Devices AD9742ARURL7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9742
Data Sheet
Rev. C | Page 18 of 32
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and, for simplicity’s
sake (ignoring harmonics), all of this noise is concentrated at
250 kHz. To calculate how much of this undesired noise will
appear as current noise superimposed on the DAC’s full-scale
current, IOUTFS, one must determine the PSRR in dB using Figure 36
at 250 kHz. To calculate the PSRR for a given RLOAD, such that the
units of PSRR are converted from A/V to V/V, adjust the curve in
Figure 36 by the scaling factor 20 Ω log (RLOAD). For instance, if
RLOAD is 50 Ω, the PSRR is reduced by 34 dB (i.e., PSRR of the DAC
at 250 kHz, which is 85 dB in Figure 36, becomes 51 dB VOUT/VIN).
Proper grounding and decoupling should be a primary objective in
any high speed, high resolution system. The AD9742 features
separate analog and digital supplies and ground pins to optimize
the management of analog and digital ground currents in a
system. In general, AVDD, the analog supply, should be decoupled
to ACOM, the analog common, as close to the chip as physically
possible. Similarly, DVDD, the digital supply, should be decoupled
to DCOM as close to the chip as physically possible.
For those applications that require a single 3.3 V supply for both
the analog and digital supplies, a clean analog supply may be
generated using the circuit shown in Figure 37. The circuit consists
of a differential LC filter with separate power supply and return
lines. Lower noise can be attained by using low ESR type
electrolytic and tantalum capacitors.
100
µF
ELECT.
0.1
µF
CER.
TTL/CMOS
LOGIC
CIRCUITS
3.3V
POWER SUPPLY
FERRITE
BEADS
AVDD
ACOM
10
µF–22µF
TANT.
Figure 37. Differential LC Filter for Single 3.3 V Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com