Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMV3 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 39Page - Microsemi Corporation VMV3 Datasheet HTML 40Page - Microsemi Corporation VMV3 Datasheet HTML 41Page - Microsemi Corporation VMV3 Datasheet HTML 42Page - Microsemi Corporation VMV3 Datasheet HTML 43Page - Microsemi Corporation VMV3 Datasheet HTML 44Page - Microsemi Corporation VMV3 Datasheet HTML 45Page - Microsemi Corporation VMV3 Datasheet HTML 46Page - Microsemi Corporation VMV3 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-29
1.5 V Core Voltage
Table 2-31 • Summary of I/O Timing Characteristics—Software Default Settings
–1 Speed Grade, Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst Case VCCI
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Standard
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
12 mA High
5
– 0.52 1.97 0.03 1.23 1.78 0.34 1.99 1.46 2.63 2.89 3.23 2.71
3.3 V LVCOMS
Wide Range3
100 µA
12 mA High
5
– 0.52 2.89 0.03 1.61 2.44 0.34 2.88 2.12 3.89 4.25 4.12 3.36
2.5 V LVCMOS
12 mA
12 mA High
5
– 0.52 2.01 0.03 1.49 1.93 0.34 2.02 1.65 2.71 2.78 3.27 2.89
1.8 V LVCMOS
12 mA
12 mA High
5
– 0.52 2.24 0.03 1.44 2.14 0.34 2.26 1.84 3.02 3.41 3.51 3.08
1.5 V LVCMOS
12 mA
12 mA High
5
– 0.52 2.60 0.03 1.60 2.35 0.34 2.62 2.14 3.21 3.52 3.87 3.39
3.3 V PCI
Per PCI
spec
–High 10 254 0.52 2.25 0.03 2.03 2.88 0.34 2.27 1.58 2.64 2.89 3.52 2.83
3.3 V PCI-X
Per PCI-X
spec
–High 10 254 0.52 2.25 0.03 2.03 2.88 0.34 2.27 1.58 2.64 2.89 3.52 2.83
3.3 V GTL
20 mA5 20 mA5 High 10 25 0.52 1.68 0.03 1.79 – 0.34 1.58 1.68
–
–
2.83 2.92
2.5 V GTL
20 mA5 20 mA5 High 10 25 0.52 1.72 0.03 1.73 – 0.34 1.69 1.72
–
–
2.93 2.97
3.3 V GTL+
35 mA
35 mA High 10 25 0.52 1.66 0.03 1.79 – 0.34 1.63 1.66
–
–
2.88 2.90
2.5 V GTL+
33 mA
33 mA High 10 25 0.52 1.75 0.03 1.73 – 0.34 1.76 1.69
–
–
3.00 2.94
HSTL (I)
8 mA
8 mA
High 20 25 0.52 2.57 0.03 2.14 – 0.34 2.59 2.55
–
–
3.84 3.79
HSTL (II)
15 mA5 15 mA5 High 20 50 0.52 2.44 0.03 2.14 – 0.34 2.46 2.19
–
–
3.71 3.43
SSTL2 (I)
15 mA
15 mA High 30 25 0.52 1.68 0.03 1.58 –
034 1.69 1.46
–
–
1.69 1.46
SSTL2 (II)
18 mA
18 mA High 30 50 0.52 1.72 0.03 1.58 – 0.34 1.73 1.39
–
–
1.73 1.39
SSTL3 (I)
14 mA
14 mA High 30 25 0.52 1.83 0.03 1.51 – 0.34 1.84 1.45
–
–
1.84 1.45
SSTL3 (II)
21 mA
21 mA High 30 50 0.52 1.63 0.03 1.51 – 0.34 1.64 1.31
–
–
1.64 1.31
LVDS
24 mA
–
High
–
– 0.52 1.48 0.03 1.86 –
–
–
–
–
–
–
–
LVPECL
24 mA
–
High
–
– 0.52 1.40 0.03 1.61 –
–
–
–
–
–
–
–
Notes:
1. Note that 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration will not operate at the
equivalent software default drive strength. These values are for normal ranges only.
2. Output delays provided in this table were extracted with an output load indicated in the Capacitive Load column. For a
specific output load, refer to Designer software.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
4. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-15 on page 2-73 for
connectivity. This resistor is not required during normal operation.
5. Output drive strength is below JEDEC specification.
6. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com