Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGUW6331MELB Datasheet(PDF) 5 Page - Nichicon corporation

Part # LGUW6331MELB
Description  Withstanding 3000 hours application of rated ripple current at 105째C.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGUW6331MELB Datasheet(HTML) 5 Page - Nichicon corporation

  LGUW6331MELB Datasheet HTML 1Page - Nichicon corporation LGUW6331MELB Datasheet HTML 2Page - Nichicon corporation LGUW6331MELB Datasheet HTML 3Page - Nichicon corporation LGUW6331MELB Datasheet HTML 4Page - Nichicon corporation LGUW6331MELB Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CAT.8100Y
GU
series
ALUMINUM ELECTROLYTIC CAPACITORS
082
100
120
150
180
220
270
330
390
470
560
680
820
20
× 25
20
× 30
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 25
20
× 50
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
0640
0690
0750
0750
0820
0820
0820
0900
0920
0920
1000
1040
1040
1040
1160
1160
1160
1330
1330
1330
1330
1470
1470
1470
1700
1700
1700
2050
2050
2170
2170
2200
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.48
0.53
0.58
0.58
0.65
0.65
0.65
0.71
0.71
0.71
0.78
0.78
0.78
0.78
0.87
0.87
0.87
0.96
0.96
0.96
0.96
1.05
1.05
1.05
1.15
1.15
1.15
1.26
1.26
1.38
1.38
1.52
LGU2F820MELY
LGU2F101MELY
LGU2F121MELY
LGU2F121MELZ
LGU2F151MELY
LGU2F151MELZ
LGU2F151MELA
LGU2F181MELY
LGU2F181MELZ
LGU2F181MELA
LGU2F221MELY
LGU2F221MELZ
LGU2F221MELA
LGU2F221MELB
LGU2F271MELZ
LGU2F271MELA
LGU2F271MELB
LGU2F331MELZ
LGU2F331MELA
LGU2F331MELB
LGU2F331MELC
LGU2F391MELA
LGU2F391MELB
LGU2F391MELC
LGU2F471MELA
LGU2F471MELB
LGU2F471MELC
LGU2F561MELB
LGU2F561MELC
LGU2F681MELB
LGU2F681MELC
LGU2F821MELC
315V (2F)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
0
56
0
68
082
100
120
150
180
220
270
330
390
470
560
20
× 25
20
× 30
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 25
20
× 45
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
35
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
0510
0560
0640
0640
0700
0700
0700
0750
0750
0750
0830
0880
0880
0880
0980
0980
0980
0980
1100
1100
1100
1100
1220
1220
1220
1440
1440
1440
1600
1600
1900
1900
2120
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.44
0.49
0.54
0.54
0.60
0.60
0.60
0.65
0.65
0.65
0.73
0.73
0.73
0.73
0.80
0.80
0.80
0.80
0.88
0.88
0.88
0.88
0.98
0.98
0.98
1.08
1.08
1.08
1.18
1.18
1.30
1.30
1.41
LGU2G560MELY
LGU2G680MELY
LGU2G820MELY
LGU2G820MELZ
LGU2G101MELY
LGU2G101MELZ
LGU2G101MELA
LGU2G121MELY
LGU2G121MELZ
LGU2G121MELA
LGU2G151MELY
LGU2G151MELZ
LGU2G151MELA
LGU2G151MELB
LGU2G181MELZ
LGU2G181MELA
LGU2G181MELB
LGU2G181MELC
LGU2G221MELZ
LGU2G221MELA
LGU2G221MELB
LGU2G221MELC
LGU2G271MELA
LGU2G271MELB
LGU2G271MELC
LGU2G331MELA
LGU2G331MELB
LGU2G331MELC
LGU2G391MELB
LGU2G391MELC
LGU2G471MELB
LGU2G471MELC
LGU2G561MELC
400V (2G)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
056
068
082
100
120
150
180
220
270
330
390
470
560
20
× 25
20
× 30
20
× 35
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
20
× 50
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 45
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
0510
0560
0640
0640
0700
0700
0700
0750
0750
0750
0880
0880
0880
0880
0950
0950
0950
1100
1100
1100
1100
1220
1220
1220
1450
1450
1550
1550
1900
2150
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.46
0.50
0.55
0.55
0.61
0.61
0.61
0.67
0.67
0.67
0.75
0.75
0.75
0.75
0.82
0.82
0.82
0.91
0.91
0.91
0.91
1.01
1.01
1.01
1.11
1.11
1.21
1.21
1.33
1.45
LGUW6560MELY
LGUW6680MELY
LGUW6820MELY
LGUW6820MELZ
LGUW6101MELY
LGUW6101MELZ
LGUW6101MELA
LGUW6121MELY
LGUW6121MELZ
LGUW6121MELA
LGUW6151MELY
LGUW6151MELZ
LGUW6151MELA
LGUW6151MELB
LGUW6181MELZ
LGUW6181MELA
LGUW6181MELB
LGUW6221MELZ
LGUW6221MELA
LGUW6221MELB
LGUW6221MELC
LGUW6271MELA
LGUW6271MELB
LGUW6271MELC
LGUW6331MELB
LGUW6331MELC
LGUW6391MELB
LGUW6391MELC
LGUW6471MELC
LGUW6561MELC
420V (W6)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
Rated ripple current (mArms) at 105°C 120Hz
Dimensions
047
056
068
082
100
120
150
180
220
270
330
390
470
20
× 25
20
× 30
20
× 35
20
× 35
22
× 30
25
× 25
20
× 45
22
× 35
25
× 30
20
× 50
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 40
35
× 50
0390
0510
0560
0640
0640
0640
0690
0690
0690
0750
0800
0800
0800
0880
0880
0880
1000
1000
1000
1120
1120
1120
1280
1280
1450
1450
1500
1850
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.43
0.47
0.52
0.57
0.57
0.57
0.63
0.63
0.63
0.69
0.69
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.15
1.15
1.25
1.37
LGU2W470MELY
LGU2W560MELY
LGU2W680MELY
LGU2W820MELY
LGU2W820MELZ
LGU2W820MELA
LGU2W101MELY
LGU2W101MELZ
LGU2W101MELA
LGU2W121MELY
LGU2W121MELZ
LGU2W121MELA
LGU2W121MELB
LGU2W151MELZ
LGU2W151MELA
LGU2W151MELB
LGU2W181MELZ
LGU2W181MELA
LGU2W181MELB
LGU2W221MELA
LGU2W221MELB
LGU2W221MELC
LGU2W271MELB
LGU2W271MELC
LGU2W331MELB
LGU2W331MELC
LGU2W391MELC
LGU2W471MELC
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com