Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5379ABCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD5379ABCZ
Description  40-Channel, 14-Bit, Parallel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5379ABCZ Datasheet HTML 20Page - Analog Devices AD5379ABCZ Datasheet HTML 21Page - Analog Devices AD5379ABCZ Datasheet HTML 22Page - Analog Devices AD5379ABCZ Datasheet HTML 23Page - Analog Devices AD5379ABCZ Datasheet HTML 24Page - Analog Devices AD5379ABCZ Datasheet HTML 25Page - Analog Devices AD5379ABCZ Datasheet HTML 26Page - Analog Devices AD5379ABCZ Datasheet HTML 27Page - Analog Devices AD5379ABCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD5379
Rev. B | Page 23 of 28
Daisy-Chain Mode
For systems that contain several DACs, the SDO pin can be
used to daisy-chain several devices together. This daisy-chain
mode can be useful in system diagnostics and in reducing the
number of serial interface lines.
Connecting the DCEN (daisy-chain enable) pin high enables
daisy-chain mode. The first falling edge of SYNC starts the
write cycle. The SCLK is continuously applied to the input shift
register when SYNC is low. If more than 24 clock pulses are
applied, the data ripples out of the shift register and appears on
the SDO line. This data is clocked out on the rising edge of
SCLK and is valid on the falling edge. By connecting this line to
the DIN input on the next device in the chain, a multidevice
interface is constructed. For each AD5379 in the system,
24 clock pulses are required. Therefore, the total number of
clock cycles must equal 24N, where N is the total number of
AD5379 devices in the chain. If fewer than 24 clocks are
applied, the write sequence is ignored.
When the serial transfer to all devices has been completed,
SYNC is taken high. This latches the input data in each device
in the daisy chain and prevents any additional data from being
clocked into the input shift register.
A continuous SCLK source can be used if SYNC is held low for
the correct number of clock cycles. Alternatively, a burst clock
containing the exact number of clock cycles can be used and
SYNC taken high after the final clock to latch the data.
When the transfer to all input registers is complete, a common
LDAC signal updates all DAC registers, and all analog outputs
are simultaneously updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com