Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7392AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD7392AR
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7392AR Datasheet HTML 6Page - Analog Devices AD7392AR Datasheet HTML 7Page - Analog Devices AD7392AR Datasheet HTML 8Page - Analog Devices AD7392AR Datasheet HTML 9Page - Analog Devices AD7392AR Datasheet HTML 10Page - Analog Devices AD7392AR Datasheet HTML 11Page - Analog Devices AD7392AR Datasheet HTML 12Page - Analog Devices AD7392AR Datasheet HTML 13Page - Analog Devices AD7392AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7392/AD7393
Rev. C | Page 10 of 20
TIME (2µs/DIV)
2µs
AD7392
20mV
CS
(5V/DIV)
VDD = 5V
VREF = 2.5V
fCLK = 50kHz
CODE: 0x7F TO 0x80
VOUT
(5mV/DIV)
Figure 17. Midscale Transition Performance
TIME (5µs/DIV)
5µs
5mV
VDD = 5V
VREF = 2.5V
CS = HIGH
VOUT
(5mV/DIV)
D0 TO D11
(5V/DIV)
Figure 18. Digital Feedthrough
TIME (100µs/DIV)
100µs
1V
VDD = 5V
VREF = 2.5V
AD7392
VOUT
(1V/DIV)
CS
(5V/DIV)
Figure 19. Large Signal Settling Time
–30
10
100
1k
10k
100k
–25
–20
–15
–10
–5
0
5
FREQUENCY (Hz)
VDD = 5V
VREF = 100mV + 2VDC
DATA = 0xFFF
Figure 20. Reference Multiplying Bandwidth
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
012
34
2.0
REFERENCE VOLTAGE (V)
AD7392
VDD = 5V
CODE = 0x768
TA = 25°C
5
Figure 21. Integral Nonlinearity Error vs. Reference Voltage
0
0
100
200
300
400
500
600
1.2
1.0
0.8
0.6
0.4
0.2
HOURS OF OPERATION AT 150°C
AD7392
SAMPLE SIZE = 50
CODE = 0xFFF
CODE = 0x000
Figure 22. Long-Term Drift Accelerated by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com