Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7392ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7392ARZ
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7392ARZ Datasheet HTML 4Page - Analog Devices AD7392ARZ Datasheet HTML 5Page - Analog Devices AD7392ARZ Datasheet HTML 6Page - Analog Devices AD7392ARZ Datasheet HTML 7Page - Analog Devices AD7392ARZ Datasheet HTML 8Page - Analog Devices AD7392ARZ Datasheet HTML 9Page - Analog Devices AD7392ARZ Datasheet HTML 10Page - Analog Devices AD7392ARZ Datasheet HTML 11Page - Analog Devices AD7392ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7392/AD7393
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
AD7392
CODE (Decimal)
VDD = 2.7V
VREF = 2.5V
TA = 25°C
Figure 5. AD7392 Integral Nonlinearity Error vs. Code
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
AD7393
CODE (Decimal)
VDD = 2.7V
VREF = 2.5V
TA = 25°C
0
128
256
384
512
640
768
896
1024
Figure 6. AD7393 Integral Nonlinearity Error vs. Code
25
0
5
10
15
20
5.0
5.8
6.6
7.3
8.1
8.9
9.7
10.5 11.2 12.0
TOTAL UNADJUSTED ERROR (LSB)
AD7392
SS = 100 UNITS
VDD = 2.7V
VREF = 2.5V
TA = 25°C
Figure 7. AD7392 Total Unadjusted Error Histogram
100
90
80
70
60
50
40
30
20
10
0
–10
–3.3
3.3
10
16
23
30
36
43
50
TOTAL UNADJUSTED ERROR (LSB)
AD7393
SS = 300 UNITS
VDD = 2.7V
VREF = 2.5V
TA = 25°C
Figure 8. AD7393 Total Unadjusted Error Histogram
30
24
18
12
6
0
–66
0
–6
–12
–20
–26
–32
–40
–46
–52
–60
FULL-SCALE TEMPERATURE COEFFICIENT (ppm/°C)
AD7393
SS = 100 UNITS
VDD = 2.7V
VREF = 2.5V
TA = –40°C TO +85°C
Figure 9. AD7393 Full-Scale Output Temperature Coefficient Histogram
16
14
12
10
8
6
4
2
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
AD7392
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 10. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com