Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1294BCSW Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1294BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1294BCSW Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1294BCSW Datasheet HTML 20Page - Linear Technology LTC1294BCSW Datasheet HTML 21Page - Linear Technology LTC1294BCSW Datasheet HTML 22Page - Linear Technology LTC1294BCSW Datasheet HTML 23Page - Linear Technology LTC1294BCSW Datasheet HTML 24Page - Linear Technology LTC1294BCSW Datasheet HTML 25Page - Linear Technology LTC1294BCSW Datasheet HTML 26Page - Linear Technology LTC1294BCSW Datasheet HTML 27Page - Linear Technology LTC1294BCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
TYPICAL
Micropower, 5000V Opto-Isolated, Multichannel,12-Bit Data
Acquisition System is Accessed Once Every Two Seconds
LT1027
5V
MISO
MOSI
C0
SCK
C1
10k
10k
9V
ISOLATION
BARRIER
4N28s
51k
51k
51k
51k
300
Ω
5.1k
(3)
2N3906
5V
5V
5V
5V
51k
5.1k
10k
10k
10k
10k
150
Ω
150
Ω
150
Ω
150
Ω
4N28
TO ADDITIONAL
LTC1294s
NC
4N28
*SOLID TANTALUM
10
µF*
8
ANALOG
INPUTS
0–5V RANGE
2N3904
2N3906
TO
68HC11
10k
LT1292 TA02
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF+
REF–
AGND
V–
LTC1294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com