Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1293CCSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1293CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293CCSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1293CCSW Datasheet HTML 8Page - Linear Technology LTC1293CCSW Datasheet HTML 9Page - Linear Technology LTC1293CCSW Datasheet HTML 10Page - Linear Technology LTC1293CCSW Datasheet HTML 11Page - Linear Technology LTC1293CCSW Datasheet HTML 12Page - Linear Technology LTC1293CCSW Datasheet HTML 13Page - Linear Technology LTC1293CCSW Datasheet HTML 14Page - Linear Technology LTC1293CCSW Datasheet HTML 15Page - Linear Technology LTC1293CCSW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
I FOR ATIO
Bipolar Transfer Curve (UNI = 0)
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
1 0 0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
–1LSB
–2LSB
•
•
•
–(VREF) + 1LSB
– (VREF)
INPUT VOLTAGE
(VREF = 5V)
–0.0024V
–0.0048V
•
•
•
–4.9976V
–5.00000V
OUTPUT CODE
0 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5V)
4.9976V
4.9851V
•
•
•
0.0024V
0V
LTC1293 AI04a
Bipolar Output Code (UNI = 0)
INPUT
CONFIGURATION
UNIPOLAR MODE
BIPOLAR MODE
Single-Ended
Lower Value COM
–(REF
+ – REF–) + COM
Upper Value (REF
+ – REF–) + COM (REF+ – REF–) + COM
Differential
Lower Value IN
–
–(REF
+ – REF–) + IN–
Upper Value (REF
+ – REF–) + IN–
(REF
+ – REF–) + IN–
The following discussion will demonstrate how the two
reference pins are to be used in conjunction with the
analog input multiplexer. In unipolar mode the input span
of the A/D is set by the difference in voltage on the REF
+ pin
and the REF
– pin. In the bipolar mode the input span is
twice the difference in voltage on the REF+ pin and the
REF
– pin. In the unipolar mode the lower value of the input
span is set by the voltage on the COM pin for single-ended
inputs and by the voltage on the minus input pin for
differential inputs. For the bipolar mode of operation the
voltage on the COM pin or the minus input pin set the
center of the input span.
The upper and lower value of the input span can now be
summarized in the following table:
The reference voltages REF+ and REF
– can fall between
VCC and V
–, but the difference (REF+ –REF–) must be less
than or equal to VCC. The input voltages must be less than
or equal to VCC and greater than or equal to V
–. For the
LTC1293 REF
– = 0V.
The following examples are for a single-ended input con-
figuration.
Example 1: Let VCC = 5V, V
– = 0V, REF+ = 4V, REF– = 1V
and COM = 0V. Unipolar mode of operation. The resulting
input span is 0V
≤ IN+ ≤ 3V.
VIN
1 1 1 1 1 1 1 1 1 1 1 1
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
1 0 0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0 0 0
•
•
•
LTC1293 AI04b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com