Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1865LACMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1865LACMS
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865LACMS Datasheet(HTML) 2 Page - Linear Technology

  LTC1865LACMS Datasheet HTML 1Page - Linear Technology LTC1865LACMS Datasheet HTML 2Page - Linear Technology LTC1865LACMS Datasheet HTML 3Page - Linear Technology LTC1865LACMS Datasheet HTML 4Page - Linear Technology LTC1865LACMS Datasheet HTML 5Page - Linear Technology LTC1865LACMS Datasheet HTML 6Page - Linear Technology LTC1865LACMS Datasheet HTML 7Page - Linear Technology LTC1865LACMS Datasheet HTML 8Page - Linear Technology LTC1865LACMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC1864/LTC1865
2
18645fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) .................................................7V
Ground Voltage Difference
AGND, DGND LTC1865 MSOP Package............ ±0.3V
Analog Input ................ (GND – 0.3V) to (VCC + 0.3V)
Digital Input ................................ (GND – 0.3V) to 7V
Digital Output .............. (GND – 0.3V) to (VCC + 0.3V)
Power Dissipation .............................................. 400mW
(Notes 1, 2)
1
2
3
4
VREF
IN+
IN¯
GND
8
7
6
5
VCC
SCK
SDO
CONV
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 210°C/W
1
2
3
4
5
CONV
CH0
CH1
AGND
DGND
10
9
8
7
6
VREF
VCC
SCK
SDO
SDI
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 210°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CONV
CH0
CH1
GND
VCC
SCK
SDO
SDI
TJMAX = 150°C, θJA = 175°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1864CMS8#PBF
LTC1864CMS8#TRPBF
LTHQ
8-Lead Plastic MSOP
0°C to 70°C
LTC1864IMS8#PBF
LTC1864IMS8#TRPBF
LTHQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC1864HMS8#PBF
LTC1864HMS8#TRPBF
LTHQ
8-Lead Plastic MSOP
–40°C to 125°C
LTC1864ACMS8#PBF
LTC1864ACMS8#TRPBF
LTHQ
8-Lead Plastic MSOP
0°C to 70°C
LTC1864AIMS8#PBF
LTC1864AIMS8#TRPBF
LTHQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC1864AHMS8#PBF
LTC1864AHMS8#TRPBF
LTHQ
8-Lead Plastic MSOP
–40°C to 125°C
LTC1864CS8#PBF
LTC1864CS8#TRPBF
1864
8-Lead Plastic SO
0°C to 70°C
LTC1864IS8#PBF
LTC1864IS8#TRPBF
1864I
8-Lead Plastic SO
–40°C to 85°C
LTC1864ACS8#PBF
LTC1864ACS8#TRPBF
1864A
8-Lead Plastic SO
0°C to 70°C
LTC1684AIS8#PBF
LTC1684AIS8#TRPBF
1864AI
8-Lead Plastic SO
–40°C to 85°C
LTC1865CMS#PBF
LTC1865CMS#TRPBF
LTHS
10-Lead Plastic MSOP
0°C to 70°C
LTC1865IMS#PBF
LTC1865IMS#TRPBF
LTHS
10-Lead Plastic MSOP
–40°C to 85°C
Operating Temperature Range
LTC1864C/LTC1865C/
LTC1864AC/LTC1865AC...........................0°C to 70°C
LTC1864I/LTC1865I/
LTC1864AI/LTC1865AI ...................... – 40°C to 85°C
LTC1864H/LTC1865H
LTC1864AH/LTC1865AH ................. – 40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................300°C
LTC1864
LTC1865
LTC1864
LTC1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com