Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1864 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1864
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1864 Datasheet HTML 14Page - Linear Technology LTC1864 Datasheet HTML 15Page - Linear Technology LTC1864 Datasheet HTML 16Page - Linear Technology LTC1864 Datasheet HTML 17Page - Linear Technology LTC1864 Datasheet HTML 18Page - Linear Technology LTC1864 Datasheet HTML 19Page - Linear Technology LTC1864 Datasheet HTML 20Page - Linear Technology LTC1864 Datasheet HTML 21Page - Linear Technology LTC1864 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC1864/LTC1865
18
18645fb
APPLICATIONS INFORMATION
Figure 6. LTC1864 Manchester Transmitter
U12B
74AC109
U11
LT1121CST-5
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2
3
4
1
5
6
7
8
10
9
8
5VDIG
5VDIG
5VDIG
5VDIG
5VDIG
5VAN
5VDIG
5VDIG
C16
0.1μF
C23
0.1μF
C24
0.1μF
C18
0.1μF
C17
0.1μF
5VDIG
C26
10μF
6.3V
1206
U12A
74AC109
U10
LTC1799
RESET
CLK
P0
P1
P2
P3
ENP
GND
VCC
RCO
Q0
Q1
Q2
Q3
ENT
LO
U6
74HC163AD
J
K
CLK
CLR
PRE
Q
Q
GND
VCC
1
2
3
5
4
V+
GND
SET
DIV
14
13
12
15
11
J
K
CLK
CLR
PRE
Q
Q
GND
VCC
16
16
U9B
74AC00
U9A
74AC00
U13B
74AC32
RESET
CLK
P0
P1
P2
P3
ENP
GND
VCC
RCO
Q0
Q1
Q2
Q3
ENT
LO
U7
74HC163AD
100k
RN1
330
C4
0.1μF
C3
10μF
6.3V
1206
VIN
VOUT
GND
R4
2Ω
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
OUT
15V
15V
5VAN
U13C
74AC32
ANALOG GROUND PLANE
CLK
U3
LTC1864CMS8
1
2
3
4
8
7
6
5
1
2
3
4
PRE
D
CLK
CLR
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
18645 AI2
RO
RE
DE
DI
VCC
B
A
GND
1V to 5V REFERENCE
0V to VREF INPUT
Q
Q
PRE
D
CLK
CLR
Q
Q
5VDIG
5VDIG
5VDIG
5VDIG
5V
1
5
2
3
4
500Ω
MC74VHC1G66
120Ω
4 CONDUCTOR
TELEPHONE WIRES
TO RECEIVER
LTC1485
74AC74
74AC74
74AC86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com