Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7828CQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7828CQ
Description  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7828CQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7828CQ Datasheet HTML 5Page - Analog Devices AD7828CQ Datasheet HTML 6Page - Analog Devices AD7828CQ Datasheet HTML 7Page - Analog Devices AD7828CQ Datasheet HTML 8Page - Analog Devices AD7828CQ Datasheet HTML 9Page - Analog Devices AD7828CQ Datasheet HTML 10Page - Analog Devices AD7828CQ Datasheet HTML 11Page - Analog Devices AD7828CQ Datasheet HTML 12Page - Analog Devices AD7828CQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7824/AD7828
REV. F
–9–
MODE 0
Figure 14 shows the timing diagram for Mode 0 operation. This
mode can only be used for microprocessors that have a WAIT
state facility, whereby a READ instruction cycle can be extended
to accommodate slow memory devices. A READ operation brings
CS and RD low, which starts a conversion. The analog multiplexer
address inputs must remain valid while
CS and RD are low. The
data bus (DB7–DB0) remains in the three-state condition until
conversion is complete. There are two converter status outputs on
the AD7824/AD7828, interrupt (
INT) and ready (RDY), which
can be used to drive the microprocessor READY/WAIT input.
The RDY is an open-drain output (no internal pull-up device) that
goes low on the falling edge of
CS and goes high impedance at the
end of conversion when the 8-bit conversion result appears on the
data outputs. If the RDY status is not required, the external
pull-up resistor can be omitted and the RDY output tied to GND.
The
INT goes low when conversion is complete and returns high
on the rising edge of
CS or RD.
MODE 1
Mode 1 operation is designed for applications where the micropro-
cessor is not forced into a WAIT state. A READ operation takes
CS and RD low, which triggers a conversion (see Figure 15). The
multiplexer address inputs are latched on the rising edge of
RD.
Data from the previous conversion is read from the three-state
data outputs (DB7–DB0). This data may be disregarded if not
required. Note that the RDY output (open drain output) does
not provide any status information in this mode and must be
connected to GND. At the end of conversion,
INT goes low. A
second READ operation is required to access the new conversion
result. This READ operation latches a new address into the multi-
plexer inputs and starts another conversion.
INT returns high at the
end of the second READ operation, when
CS or RD returns high.
A delay of 2.5
µs must be allowed between READ operations.
CS
RD
ANALOG
CHANNEL
ADDRESS
RDY
INT
DATA
tCSS
tAS
tRDY
tCRD
tACC2
tDH
tINTH
tAH
tAS
tP
tCSS
tCSH
ADDRESS
VALID
ADDRESS
VALID
DATA
VALID
HIGH IMPEDANCE
Figure 14. Mode 0 Timing Diagram
CS
RD
ANALOG
CHANNEL
ADDRESS
INT
DATA
tCSS
tAS
ADDRESS
VALID
OLD
VALID
ADDRESS
VALID
NEW
VALID
tCSH
tAH
tRD
tCRD
tINTH
tACC1
tDH
tACC1
tDH
tINTH
tAH
tAS
tP
tCSS
tRD
tCSH
Figure 15. Mode 1 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com