Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1871 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 9Page - Linear Technology LTC1871 Datasheet HTML 10Page - Linear Technology LTC1871 Datasheet HTML 11Page - Linear Technology LTC1871 Datasheet HTML 12Page - Linear Technology LTC1871 Datasheet HTML 13Page - Linear Technology LTC1871 Datasheet HTML 14Page - Linear Technology LTC1871 Datasheet HTML 15Page - Linear Technology LTC1871 Datasheet HTML 16Page - Linear Technology LTC1871 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC1871
13
1871fe
APPLICATIONS INFORMATION
Figure 8a. Programming the Turn-On and Turn-Off Thresholds Using the RUN Pin
Boost Converter: Duty Cycle Considerations
For a boost converter operating in a continuous conduction
mode (CCM), the duty cycle of the main switch is:
D
=
VO + VD –VIN
VO + VD
where VD is the forward voltage of the boost diode. For
converters where the input voltage is close to the output
voltage, the duty cycle is low and for converters that develop
a high output voltage from a low voltage input supply,
the duty cycle is high. The maximum output voltage for a
boost converter operating in CCM is:
VO(MAX) =
VIN(MIN)
1– DMAX
(
)
–VD
The maximum duty cycle capability of the LTC1871 is
typically 92%. This allows the user to obtain high output
voltages from low input supply voltages.
Boost Converter: The Peak and Average Input Currents
The control circuit in the LTC1871 is measuring the input
current (either by using the RDS(ON) of the power MOSFET
or by using a sense resistor in the MOSFET source), so
the output current needs to be reflected back to the input
in order to dimension the power MOSFET properly. Based
on the fact that, ideally, the output power is equal to the
input power, the maximum average input current is:
IIN(MAX) =
IO(MAX)
1– DMAX
The peak input current is:
IIN(PEAK) = 1+
2
•
IO(MAX)
1– DMAX
The maximum duty cycle, DMAX, should be calculated at
minimum VIN.
Figure 8c. External Pull-Up Resistor On
RUN Pin for “Always On” Operation
Figure 8b. On/Off Control Using External Logic
–
+
RUN
COMPARATOR
VIN
RUN
R2
R1
INPUT
SUPPLY
OPTIONAL
FILTER
CAPACITOR
+
–
GND
1871 F8a
BIAS AND
START-UP
CONTROL
1.248V
μPOWER
REFERENCE
6V
–
+
RUN
COMPARATOR
1.248V
1871 F08b
RUN
6V
EXTERNAL
LOGIC CONTROL
–
+
RUN
COMPARATOR
VIN
RUN
R2
1M
INPUT
SUPPLY
+
–
GND
1.248V
1871 F08c
6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com