Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1865CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1865CMS
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1865CMS Datasheet HTML 8Page - Linear Technology LTC1865CMS Datasheet HTML 9Page - Linear Technology LTC1865CMS Datasheet HTML 10Page - Linear Technology LTC1865CMS Datasheet HTML 11Page - Linear Technology LTC1865CMS Datasheet HTML 12Page - Linear Technology LTC1865CMS Datasheet HTML 13Page - Linear Technology LTC1865CMS Datasheet HTML 14Page - Linear Technology LTC1865CMS Datasheet HTML 15Page - Linear Technology LTC1865CMS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC1864/LTC1865
12
18645fb
Load Circuit for tdDO, tr, tf, tdis and ten
Voltage Waveforms for SDO Rise and Fall Times, tr, tf
Voltage Waveforms for ten
Voltage Waveforms for tdis
Voltage Waveforms for SDO Delay Times,tdDO and thDO
SDO
3k
20pF
TEST POINT
VCC tdis WAVEFORM 2, ten
tdis WAVEFORM 1
18645 TC01
18645 TC03
CONV
SDO
ten
SCK
SDO
VIL
tdDO
thDO
VOH
VOL
18645 TC02
SDO
tr
tf
18645 TC04
VOH
VOL
SDO
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
SDO
WAVEFORM 2
(SEE NOTE 2)
CONV
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
18645 TC05
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com