Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1865CMS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1865CMS
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865CMS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1865CMS Datasheet HTML 3Page - Linear Technology LTC1865CMS Datasheet HTML 4Page - Linear Technology LTC1865CMS Datasheet HTML 5Page - Linear Technology LTC1865CMS Datasheet HTML 6Page - Linear Technology LTC1865CMS Datasheet HTML 7Page - Linear Technology LTC1865CMS Datasheet HTML 8Page - Linear Technology LTC1865CMS Datasheet HTML 9Page - Linear Technology LTC1865CMS Datasheet HTML 10Page - Linear Technology LTC1865CMS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC1864/LTC1865
7
18645fb
TIMING CHARACTERISTICS The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions,
unless otherwise noted.
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figure 1)
H-Grade
●
●
2.75
2.75
3.2
3.3
μs
μs
fSMPL(MAX)
Maximum Sampling Frequency
H-Grade
●
●
250
234
kHz
kHz
tdDO
Delay Time, SCK↓ to SDO Data Valid
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF, H-Grade
●
●
15
20
25
30
ns
ns
ns
tdis
Delay Time, CONV↑ to SDO Hi-Z
H-Grade
●
●
30
30
60
65
ns
ns
ten
Delay Time, CONV↓ to SDO Enabled
CLOAD = 20pF
CLOAD = 20pF, H-Grade
●
●
30
30
60
65
ns
ns
thDO
Time Output Data Remains Valid After SCK↓ CLOAD = 20pF
●
510
ns
tr
SDO Rise Time
CLOAD = 20pF
8
ns
tf
SDO Fall Time
CLOAD = 20pF
4
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Channel leakage current is measured while the part is in sample
mode.
Note 5: Guaranteed by design, not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com